Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2761AX Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2761AX
Description  High-Precision Li Battery Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2761AX Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2761AX Datasheet HTML 1Page - Dallas Semiconductor DS2761AX Datasheet HTML 2Page - Dallas Semiconductor DS2761AX Datasheet HTML 3Page - Dallas Semiconductor DS2761AX Datasheet HTML 4Page - Dallas Semiconductor DS2761AX Datasheet HTML 5Page - Dallas Semiconductor DS2761AX Datasheet HTML 6Page - Dallas Semiconductor DS2761AX Datasheet HTML 7Page - Dallas Semiconductor DS2761AX Datasheet HTML 8Page - Dallas Semiconductor DS2761AX Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DS2761
2 of 24
ORDERING INFORMATION
PART
MARKING DESCRIPTION
DS2761AE
D2761EA
TSSOP, External Sense Resistor, 4.275V VOV
DS2761BE
D2761EB
TSSOP, External Sense Resistor, 4.35V VOV
DS2761AE/T&R
D2761EA
DS2761AE on Tape-and-Reel
DS2761BE/T&R
D2761EB
DS2761BE on Tape-and-Reel
DS2761AE-025
2761A25
TSSOP, 25m
W Sense Resistor, 4.275V VOV
DS2761BE-025
2761B25
TSSOP, 25m
W Sense Resistor, 4.35V VOV
DS2761AE-025/T&R 2761A25
DS2761AE-025 in Tape-and-Reel
DS2761BE-025/T&R 2761B25
DS2761BE-025 in Tape-and-Reel
DS2761AX-025/T&R DS2761AR Flip-Chip, 25m
W Sense Resistor, Tape-and-Reel, 4.275V VOV
DS2761BX-025/T&R DS2761BR
Flip-Chip, 25m
W Sense Resistor, Tape-and-Reel, 4.35V VOV
DS2761AX/T&R
DS2761A
Flip-Chip, External Sense Resistor, Tape-and-Reel, 4.275V VOV
DS2761BX/T&R
DS2761B
Flip-Chip, External Sense Resistor, Tape-and-Reel, 4.35V VOV
Note: Additional VOV options are available, contact Maxim/Dallas Semiconductor sales.
DESCRIPTION
The DS2761 high-precision Li+ battery monitor is a data-acquisition, information-storage, and safety-
protection device tailored for cost-sensitive battery pack applications. This low-power device integrates
precise temperature, voltage, and current measurement, nonvolatile (NV) data storage, and Li+ protection
into the small footprint of either a TSSOP package or flip-chip package. The DS2761 is a key component
in applications including remaining capacity estimation, safety monitoring, and battery-specific data
storage.
Through its 1-Wire interface, the DS2761 gives the host system read/write access to status and control
registers, instrumentation registers, and general-purpose data storage. Each device has a unique factory-
programmed 64-bit net address that allows it to be individually addressed by the host system, supporting
multibattery operation.
The DS2761 is capable of performing temperature, voltage, and current measurement to a resolution
sufficient to support process monitoring applications such as battery charge control, remaining capacity
estimation, and safety monitoring. Temperature is measured using an on-chip sensor, eliminating the need
for a separate thermistor. Bidirectional current measurement and accumulation are accomplished using
either an internal 25m
W sense resistor or an external device. The DS2761 also features a programmable
I/O pin that allows the host system to sense and control other electronics in the pack, including switches,
vibration motors, speakers, and LEDs.
Three types of memory are provided on the DS2761 for battery information storage: EEPROM, lockable
EEPROM, and SRAM. EEPROM memory saves important battery data in true NV memory that is
unaffected by severe battery depletion, accidental shorts, or ESD events. Lockable EEPROM becomes
ROM when locked to provide additional security for unchanging battery data. SRAM provides
inexpensive storage for temporary data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com