Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2761AX Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2761AX
Description  High-Precision Li Battery Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2761AX Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2761AX Datasheet HTML 1Page - Dallas Semiconductor DS2761AX Datasheet HTML 2Page - Dallas Semiconductor DS2761AX Datasheet HTML 3Page - Dallas Semiconductor DS2761AX Datasheet HTML 4Page - Dallas Semiconductor DS2761AX Datasheet HTML 5Page - Dallas Semiconductor DS2761AX Datasheet HTML 6Page - Dallas Semiconductor DS2761AX Datasheet HTML 7Page - Dallas Semiconductor DS2761AX Datasheet HTML 8Page - Dallas Semiconductor DS2761AX Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DS2761
4 of 24
Table 1. DETAILED PIN DESCRIPTION
SYMBOL
TSSOP
FLIP
CHIP
DESCRIPTION
CC
1C1
Charge Protection Control Output. Controls an external p-channel
high-side charge protection FET.
DC
3B2
Discharge Protection Control Output. Controls an external p-channel
high-side discharge protection FET.
DQ
7
B4
Data Input/Out. 1-Wire data line. Open-drain output driver. Connect
this pin to the DATA terminal of the battery pack. Pin has an internal
1
mA pull-down for sensing disconnection.
PIO
14
E2
Programmable I/O Pin. Used to control and monitor user-defined
external circuitry. Open drain to VSS.
PLS
2
B1
Battery Pack Positive Terminal Input. The DS2761 monitors the pack
plus terminal through PLS to detect overcurrent and overload conditions,
as well as the presence of a charge source. Additionally, a charge path to
recover a deeply depleted cell is provided from PLS to VDD. In sleep
mode (with SWEN = 0), any capacitance or voltage source connected to
PLS is discharged internally to VSS through 200
mA (nominal) to assure
reliable detection of a valid charge source. For details of other internal
connections to PLS and associated conditions see the Li+ Protection
Circuitry section.
PS
10
E4
Power Switch Sense Input. The device wakes up from Sleep Mode
when it senses the closure of a switch to VSS on this pin. Pin has an
internal 1
mA pull-up to VDD.
VIN
16
D1
Voltage Sense Input. The voltage of the Li+ cell is monitored via this
input pin. This pin has a weak pullup to VDD.
VDD
15
E1
Power Supply Input. Connect to the positive terminal of the Li+ cell
through a decoupling network.
VSS
13,14,
15
F3
Device Ground. Connect directly to the negative terminal of the Li+ cell.
For the external sense resistor configuration, connect the sense resistor
between VSS and SNS.
SNS
4,5,6
A3
Sense Resistor Connection. Connect to the negative terminal of the
battery pack. In the internal sense resistor configuration, the sense resistor
is connected between VSS and SNS.
IS1
9
D4
Current Sense Input. This pin is internally connected to VSS through a
4.7k
W resistor. Connect a 0.1mF capacitor between IS1 and IS2 to
complete a low-pass input filter.
IS2
8
C4
Current Sense Input. This pin is internally connected to SNS through a
4.7k
W resistor.
SNS
Probe
N/A
C2
Do Not Connect.
VSS
Probe
N/A
D2
Do Not Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com