Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1748CFW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1748CFW
Description  14-Bit, 80Msps Low Noise ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1748CFW Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1748CFW Datasheet HTML 4Page - Linear Technology LTC1748CFW Datasheet HTML 5Page - Linear Technology LTC1748CFW Datasheet HTML 6Page - Linear Technology LTC1748CFW Datasheet HTML 7Page - Linear Technology LTC1748CFW Datasheet HTML 8Page - Linear Technology LTC1748CFW Datasheet HTML 9Page - Linear Technology LTC1748CFW Datasheet HTML 10Page - Linear Technology LTC1748CFW Datasheet HTML 11Page - Linear Technology LTC1748CFW Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1748
1748fa
TYPICAL PERFOR A CE CHARACTERISTICS
SFDR vs Input Frequency and
Amplitude, 3.2V Range,
2nd and 3rd Harmonic
INPUT FREQUENCY (MHz)
0
75
80
85
60
100
1748 G25
70
65
60
20
40
80
90
95
100
–20dB
–10dB
–6dB
–1dB
TA = 25°C
SFDR vs Input Frequency and
Amplitude, 2V Range,
2nd and 3rd Harmonic
Shorted Input Histogram
INPUT FREQUENCY (MHz)
0
75
80
85
60
100
1748 G26
70
65
60
20
40
80
90
95
100
–20dB
–10dB
–6dB
–1dB
TA = 25°C
CODE
8147
0
2000
6000
8000
10000
8151
18000
1748 G27
4000
8149
8148
8152 8153
8150
12000
14000
16000
TA = 25°C
SNR vs Input Frequency
3.2V Range
INPUT FREQUENCY (MHz)
0
75.5
76.0
76.5
60
100
1748 G28
75.0
74.5
74.0
20
40
80
77.0
77.5
78.0
TA = 25°C
SNR vs Input Level and Frequency
3.2V Range
INPUT LEVEL
–80
76.2
76.4
76.6
0
1748 G29
76.0
75.8
75.2
–60
–40
–20
75.6
75.4
77.0
76.8
15MHz
30MHz
50MHz
70MHz
TA = 25°C
SFDR vs Sample Rate, 5MHz Input,
–1dB, 3.2V Range
SAMPLE RATE (Msps)
0
75
80
85
60
100
1748 G30
70
65
60
20
40
80
90
95
100
TA = 25°C
SNR vs Sample Rate, 5MHz Input,
–1dB, 3.2V Range
SAMPLE RATE (Msps)
0
72
73
74
75
76
77
78
20
40
60
80
1748 G31
100
TA = 25°C
High Input Frequency SFDR,
–1dB, 2V Range
INPUT FREQUENCY (MHz)
0
75
80
85
150
250
1748 G33
70
65
60
50
100
200
90
95
100
4TH OR HIGHER HARMONIC
2ND OR 3RD HARMONIC
INPUT FREQUENCY (MHz)
0
68.5
69.0
70.0
70.5
71.0
100
200
250
73.0
1748 G34
69.5
50
150
71.5
72.0
72.5
High Input Frequency SNR,
–1dB, 2V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com