Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1748CFW Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1748CFW
Description  14-Bit, 80Msps Low Noise ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1748CFW Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1748CFW Datasheet HTML 10Page - Linear Technology LTC1748CFW Datasheet HTML 11Page - Linear Technology LTC1748CFW Datasheet HTML 12Page - Linear Technology LTC1748CFW Datasheet HTML 13Page - Linear Technology LTC1748CFW Datasheet HTML 14Page - Linear Technology LTC1748CFW Datasheet HTML 15Page - Linear Technology LTC1748CFW Datasheet HTML 16Page - Linear Technology LTC1748CFW Datasheet HTML 17Page - Linear Technology LTC1748CFW Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1748
1748fa
mode voltage of any external input circuitry; additionally,
the reference is used with a difference amplifier to gener-
ate the differential reference levels needed by the internal
ADC circuitry.
An external bypass capacitor is required for the 2.35V
reference output, VCM. This provides a high frequency low
impedance path to ground for internal and external cir-
cuitry. This is also the compensation capacitor for the
reference. It will not be stable without this capacitor.
The difference amplifier generates the high and low refer-
ence for the ADC. High speed switching circuits are
connected to these outputs and they must be externally
bypassed. Each output has two pins: REFHA and REFHB
for the high reference and REFLA and REFLB for the low
reference. The doubled output pins are needed to reduce
package inductance. Bypass capacitors must be con-
nected as shown in Figure 5.
Other voltage ranges in between the pin selectable ranges
can be programmed with two external resistors as shown
in Figure 6a. An external reference can be used by applying
its output directly or through a resistor divider to SENSE.
It is not recommended to drive the SENSE pin with a logic
device since the logic threshold is close to ground and
VDD. The SENSE pin should be tied high or low as close to
the converter as possible. If the SENSE pin is driven
externally, it should be bypassed to ground as close to the
device as possible with a 1
µF ceramic capacitor.
Input Range
The input range can be set based on the application. For
oversampled signal processing in which the input fre-
quency is low (<10MHz), the largest input range will
provide the best signal-to-noise performance while main-
taining excellent SFDR. For high input frequencies
(> 40MHz), the 2V range will have the best SFDR perfor-
mance for the 2nd and 3rd harmonics, but the SNR will
degrade by 3.5dB. See the Typical Performance Charac-
teristics section.
Driving the Encode Inputs
The noise performance of the LTC1748 can depend on the
encode signal quality as much as on the analog input. The
ENC/ENC inputs are intended to be driven differentially,
primarily for noise immunity from common mode noise
sources. Each input is biased through a 6k resistor to a 2V
bias. The bias resistors set the DC operating point for
transformer coupled drive circuits and can set the logic
threshold for single-ended drive circuits.
APPLICATIO S I FOR ATIO
VCM
REFHA
REFLB
SENSE
TIE TO VDD FOR 3.2V RANGE;
TIE TO GND FOR 2V RANGE;
RANGE = 2 • VSENSE FOR
1V < VSENSE < 1.6V
2.35V
REFLA
REFHB
4.7
µF
4.7
µF
INTERNAL ADC
HIGH REFERENCE
BUFFER
0.1
µF
1748 F05
LTC1748
4
Ω
DIFF AMP
1
µF
1
µF
0.1
µF
INTERNAL ADC
LOW REFERENCE
2.35V BANDGAP
REFERENCE
1.6V
1V
RANGE
DETECT
AND
CONTROL
Figure 5. Equivalent Reference Circuit
VCM
SENSE
2.35V
1.1V
4.7
µF
12.5k
1
µF
11k
1748 F06a
LTC1748
VCM
SENSE
2.35V
5V
1.25V
6
4
1, 2
4.7
µF
1
µF
0.1
µF
1748 F06b
LTC1748
LT1790-1.25
Figure 6a. 2.2V Range ADC
Figure 6b. 2.5V Range ADC with External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com