Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1748CFW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1748CFW
Description  14-Bit, 80Msps Low Noise ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1748CFW Datasheet(HTML) 5 Page - Linear Technology

  LTC1748CFW Datasheet HTML 1Page - Linear Technology LTC1748CFW Datasheet HTML 2Page - Linear Technology LTC1748CFW Datasheet HTML 3Page - Linear Technology LTC1748CFW Datasheet HTML 4Page - Linear Technology LTC1748CFW Datasheet HTML 5Page - Linear Technology LTC1748CFW Datasheet HTML 6Page - Linear Technology LTC1748CFW Datasheet HTML 7Page - Linear Technology LTC1748CFW Datasheet HTML 8Page - Linear Technology LTC1748CFW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1748
1748fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to GND (unless otherwise
noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: When these pin voltages are taken below GND, they will be
clamped by internal diodes. This product can handle input currents of
>100mA below GND without latchup. These pins are not clamped to VDD.
Note 5: VDD = 5V, fSAMPLE = 80MHz, differential ENC/ENC = 2VP-P 80MHz
sine wave, input range =
±1.6V differential, unless otherwise specified.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: Bipolar offset is the offset voltage measured from – 0.5 LSB
when the output code flickers between 00 0000 0000 0000 and 11
1111 1111 1111.
Note 8: Guaranteed by design, not subject to test.
Note 9: Recommended operating conditions.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
INL, 3.2V Range
DNL, 3.2V Range
8192 Point FFT,
Input Frequency = 15.068MHz,
–1dB, 3.2V Range
FREQUENCY (MHz)
0
–60
–30
–20
40
1748 G03
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
8192 Point FFT,
Input Frequency = 15.068MHz,
–10dB, 3.2V Range
FREQUENCY (MHz)
0
–60
–30
–20
40
1748 G04
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
8192 Point FFT,
Input Frequency = 15.068MHz,
–20dB, 3.2V Range
FREQUENCY (MHz)
0
–60
–30
–20
40
1748 G05
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
8192 Point FFT,
Input Frequency = 30.068MHz,
–1dB, 3.2V Range
FREQUENCY (MHz)
0
–60
–30
–20
40
1748 G06
–70
–80
–120
10
20
30
5
15
25
35
–100
0
–10
–40
–50
–90
–110
TA = 25°C
OUTPUT CODE
0
–2.5
–2.0
–1.0
–0.5
0
2.5
TA = 25°C
1.0
4096
8192
1748 G01
–1.5
1.5
2.0
0.5
12288
16384
OUTPUT CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
1748 G02
–0.6
0.6
0.8
0.2
12288
16384
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com