Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1748CFW Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1748CFW
Description  14-Bit, 80Msps Low Noise ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1748CFW Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1748CFW Datasheet HTML 12Page - Linear Technology LTC1748CFW Datasheet HTML 13Page - Linear Technology LTC1748CFW Datasheet HTML 14Page - Linear Technology LTC1748CFW Datasheet HTML 15Page - Linear Technology LTC1748CFW Datasheet HTML 16Page - Linear Technology LTC1748CFW Datasheet HTML 17Page - Linear Technology LTC1748CFW Datasheet HTML 18Page - Linear Technology LTC1748CFW Datasheet HTML 19Page - Linear Technology LTC1748CFW Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1748
1748fa
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 1103 1K REV A • PRINTED IN THE USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1405
12-Bit, 5Msps Sampling ADC with Parallel Output
Pin Compatible with the LTC1420
LTC1406
8-Bit, 20Msps ADC
Undersampling Capability up to 70MHz
LTC1411
14-Bit, 2.5Msps ADC
5V, No Pipeline Delay, 80dB SINAD
LTC1412
12-Bit, 3Msps, Sampling ADC
±5V, No Pipeline Delay, 72dB SINAD
LTC1414
14-Bit, 2.2Msps ADC
±5V, 81dB SINAD and 95dB SFDR
LTC1420
12-Bit, 10Msps ADC
71dB SINAD and 83dB SFDR at Nyquist
LTC1461
Micropower Precision Series Reference
0.04% Max Initial Accuracy, 3ppm/
°C Drift
LTC1666
12-Bit, 50Msps DAC
Pin Compatible with the LTC1668, LTC1667
LTC1667
14-Bit, 50Msps DAC
Pin Compatible with the LTC1668, LTC1666
LTC1668
16-Bit, 50Msps DAC
16-Bit, No Missing Codes, 90dB SINAD, –100dB THD
LTC1741
12-Bit, 65Msps ADC
Pin Compatible with the LTC1748
LTC1742
14-Bit, 65Msps ADC
Pin Compatible with the LTC1748
LTC1743
12-Bit, 50Msps ADC
Pin Compatible with the LTC1748
LTC1744
14-Bit, 50Msps ADC
Pin Compatible with the LTC1748
LTC1745
12-Bit, 25Msps ADC
Pin Compatible with the LTC1748
LTC1746
14-Bit, 25Msps ADC
Pin Compatible with the LTC1748
LTC1747
12-Bit, 80Msps ADC
Pin Compatible with the LTC1748
LT
®1807
325MHz, Low Distortion Dual Op Amp
Rail-to-Rail Input and Output
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
PACKAGE DESCRIPTIO
FW Package
48-Lead Plastic TSSOP (6.1mm)
(Reference LTC DWG # 05-08-1651)
FW48 TSSOP 0502
0.09 – 0.20
(.0035 – .008)
0
° – 8°
0.45 – 0.75
(.018 – .029)
0.17 – 0.27
(.0067 – .0106)
0.50
(.0197)
BSC
6.0 – 6.2**
(.236 – .244)
7.9 – 8.3
(.311 – .327)
13 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
12.4 – 12.6*
(.488 – .496)
1.20
(.0473)
MAX
0.05 – 0.15
(.002 – .006)
2
48
46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
47
C
.10
-T-
-C-
MILLIMETERS
(INCHES)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED .152mm (.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED .254mm (.010") PER SIDE
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
*
**
0.32
±0.05
0.50 TYP
6.2
±0.10
8.1
±0.10
RECOMMENDED SOLDER PAD LAYOUT
0.95
±0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com