Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69AW024B Datasheet(PDF) 17 Page - STMicroelectronics

Part # M69AW024B
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M69AW024B Datasheet HTML 13Page - STMicroelectronics M69AW024B Datasheet HTML 14Page - STMicroelectronics M69AW024B Datasheet HTML 15Page - STMicroelectronics M69AW024B Datasheet HTML 16Page - STMicroelectronics M69AW024B Datasheet HTML 17Page - STMicroelectronics M69AW024B Datasheet HTML 18Page - STMicroelectronics M69AW024B Datasheet HTML 19Page - STMicroelectronics M69AW024B Datasheet HTML 20Page - STMicroelectronics M69AW024B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
17/29
M69AW024B
Table 8. Write Mode AC Characteristics
Symbol
Alt.
Parameter
M69AW024B
Unit
–60
–70
Min
Max
Min
Max
tAVEL
(2)
tAS
Address Set-up Time to Chip Enable Low
0
0
ns
tAVWL
tAS
Address Set-up Time to Write Enable Low
0
0
ns
tAXGL1
(3,4)
tOEH
Address Invalid to Output Enable Low
25
1000
35
1000
ns
tAXGL2
(5)
tOEH(ABS)
Address Invalid to Output Enable Low (absolute)
12
15
ns
tBLEL
tBS
LB, UB Set-up Time to Chip Enable Low
–5
–5
ns
tBLWL
tBS
LB, UB Set-up Time to Write Enable Low
–5
–5
ns
tDVEH
tDS
Data Set-up Time to Chip Enable High
15
20
ns
tDVWH
tDS
Data Set-up Time to Write Enable High
15
20
ns
tEHBH
tBH
LB, UB Hold Time from Chip Enable High
–5
–5
ns
tEHDX
tDH
Input Data Hold Time from Chip Enable High
0
0
ns
tEHEL1
(9,10)
tWRC
Chip Enable High Pulse Width to Chip Enable Low
20
20
ns
tEHEL2
(10)
tCP
Chip Enable High Pulse Width to Chip Enable Low
10
12
ns
tEHWH
tWH
Write Enable Low Hold Time
0
0
ns
tEHWL
tWH
Write Enable High Hold Time
0
0
ns
tELAX
(2)
tAH
Address Hold Time from Chip Enable Low
35
40
ns
tELEH1
(1,8)
tCW
Chip Enable Write Pulse Width
45
50
ns
tELEH2
(1,9,10)
tWRC
Chip Enable Write Recovery Time
20
20
ns
tELEL
tWC
Chip Enable Write Cycle Time
80
90
ns
tELWL
tCS
Chip Enable Write Set-up Time
0
1000
0
1000
ns
tGHAX
(7)
tOHAH
Address Hold Time from Output Enable High
–5
–5
ns
tGHBH
tBH
LB, UB Hold Time from Output Enable High
–5
–5
ns
tGHEL
(6)
tOHCL
Output Enable High to Chip Enable Low Set-up
Time
–5
–5
ns
tGHWL
(3)
tOES
Output Enable Set-up Time
0
1000
0
1000
ns
tWHAV
(1,3,9,10)
tWR
Write Enable High to Address Valid
20
1000
20
1000
ns
tWHBH
tBH
LB, UB Hold Time from Write Enable High
–5
–5
ns
tWHDX
tDH
Input Data Hold Time from Write Enable High
0
0
ns
tWHEH
tCH
Chip Enable Write Hold Time
0
1000
0
1000
ns
tWHEL
tWS
Write Enable High Set-up Time
0
0
ns
tWHWL
(1,3,9,10)
tWR
Write Enable Write Recovery Time to Write Enable
Low
20
1000
20
1000
ns
tWLAV
tWC
Write Enable Low to Address Valid Write Cycle Time
80
90
ns
tWLAX
(2)
tAH
Address Hold Time from Write Enable Low
35
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com