Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69AW024B Datasheet(PDF) 24 Page - STMicroelectronics

Part # M69AW024B
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024B Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M69AW024B Datasheet HTML 20Page - STMicroelectronics M69AW024B Datasheet HTML 21Page - STMicroelectronics M69AW024B Datasheet HTML 22Page - STMicroelectronics M69AW024B Datasheet HTML 23Page - STMicroelectronics M69AW024B Datasheet HTML 24Page - STMicroelectronics M69AW024B Datasheet HTML 25Page - STMicroelectronics M69AW024B Datasheet HTML 26Page - STMicroelectronics M69AW024B Datasheet HTML 27Page - STMicroelectronics M69AW024B Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
M69AW024B
24/29
Figure 19. Power-down AC Waveforms
Note: This Power Down mode can be also be used in “Power-up Mode AC Waveforms - 2”.
Figure 20. Power-up Mode AC Waveforms - 1
Note: tVHCH starts from VCC reaching VCC(min).
Figure 21. Power-up Mode AC Waveforms - 2
Note: tVHCL starts from VCC reaching VCC(min).
E1 must be taken High prior to, or together with, the rising edge on E2.
tELCH
AI07739
E1
tEHCH1
tCHEL
tCLEL
E2
DQ
Power Down
Entry
Power Down Mode
Power Down Exit
Hi-Z
AI07740
VCC
VCC min
E2
E1
tCHEL
tEHCH2
tEHCH1
0V
AI07742
VCC
VCC min
E2
E1
tCHEL
tCHCL2
tCLEL
tEHCH1
tELCH
0V
tCHCL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com