Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69AW024B Datasheet(PDF) 25 Page - STMicroelectronics

Part # M69AW024B
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024B Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M69AW024B Datasheet HTML 21Page - STMicroelectronics M69AW024B Datasheet HTML 22Page - STMicroelectronics M69AW024B Datasheet HTML 23Page - STMicroelectronics M69AW024B Datasheet HTML 24Page - STMicroelectronics M69AW024B Datasheet HTML 25Page - STMicroelectronics M69AW024B Datasheet HTML 26Page - STMicroelectronics M69AW024B Datasheet HTML 27Page - STMicroelectronics M69AW024B Datasheet HTML 28Page - STMicroelectronics M69AW024B Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
25/29
M69AW024B
Figure 22. Power-up Mode AC Waveforms - 3
Note: Both E1 and E2 must go High as VCC reaches VCC(min). If not, the timings provided in Power-Up Mode AC Waveforms 1 (Figure 20.)
or Power-Up Mode AC Waveforms 2 (Figure 21.) should be used to ensure proper operation.
Table 10. Low VCC Data Retention Characteristics
Note: 1. TA = –30 to 85°C
2. All other Inputs at VIH ≥ VCC –0.2V or VIL ≤0.2V.
3. See Figure 23. for measurement points.
Figure 23. Low VCC Data Retention AC Waveforms
Symbol
Parameter
Test Condition1
Min
Max
Unit
VDR
(2)
Supply Voltage (Data Retention)
E1 = E2
≥ VCC –0.2V, or
E1
= VIH and E2 = VIH
2.3
3.5
V
ICCDR
Supply Current (Data Retention)
VCC = VDR, VIN ≤0.2V or ≥ VCC –0.2V,
E1
= ≥ VCC –0.2V and E2 ≥ VCC –0.2V,
IOUT = 0mA
70
µA
tCDR
(2,3)
Chip deselected to Data Retention
Time
VCC = 2.7V
0ns
tR
(3)
Operation Recovery Time
VCC = 2.7V
100
ns
∆V/∆t (3)
VCC Voltage Transition Time
0.2
V/µs
AI08054C
VCC
VCC min
E2
E1
0V
tEHEL
AI07408
DATA RETENTION MODE
∆V/∆t
3.5V
tCDR
2.7V
2.3V
E1
E1 and E2
≥ VDD – 0.2V or VIH(min)
VCC
E2
0.4V
VSS
tR
∆V/∆t
Data Bus must be Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com