Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69AW024B Datasheet(PDF) 18 Page - STMicroelectronics

Part # M69AW024B
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M69AW024B Datasheet HTML 14Page - STMicroelectronics M69AW024B Datasheet HTML 15Page - STMicroelectronics M69AW024B Datasheet HTML 16Page - STMicroelectronics M69AW024B Datasheet HTML 17Page - STMicroelectronics M69AW024B Datasheet HTML 18Page - STMicroelectronics M69AW024B Datasheet HTML 19Page - STMicroelectronics M69AW024B Datasheet HTML 20Page - STMicroelectronics M69AW024B Datasheet HTML 21Page - STMicroelectronics M69AW024B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
M69AW024B
18/29
Note: 1. The minimum value must be equal to or greater than the sum of actual tELEH (or tWLWH).
2. The new write address is valid from either E1 High or W High.
3. tAXGL1 is specified from end of tAVAX (Min) and is a reference value when access time is determined by tAXGL1. If actual value is
lower than specified minimum value, tAXGL1 is increased by the difference between the actual value and the specified minimum
value.
4. tAXGL1 maximum is applicable if E1 is kept Low and both W and G are kept High.
5. tAXGL2 is the absolute minimum value if the Write cycle terminates with W and E1 Low.
6. tGHEL (Min) must be kept if the Read cycle is not performed prior to the Write cycle. In case G is disabled after a time tGHEL(Min),
W must go Low tELEH2 (Min) after E1 goes Low. In other words, the Read cycle is initiated if tGHEL (Min) is not kept.
7. Applicable if E1 stays Low after the Read cycle.
8. tELEH or tWLWH is applicable if the Write operation is initiated by E1 or W, respectively.
9. If the write operation is terminated by W followed by E1 High, the sum of actual tELWL and tWLWH and the sum of actual tAVWL and
tWLWH must be equal or greater than 60ns.
10. tEHEL1 or tWHWL is applicable if the Write operation is terminated by E1 or W, respectively. If E1 goes High before tWHWL (Min), then
tEHEL1 (Min) must apply.
11. tEHEL1 and tEHEL2 is applicable if write operation is terminated by E1 and W, respectively. In case E1 is brought to High before sat-
isfaction of tEHEL2 (min), the tEHEL1 (min) is also applied.
12. For other timings please refer to Table 7., Read and Standby Modes AC Characteristics.
tWLEL
tWS
Write Enable Low Set-up Time
0
0
ns
tWLWH
(1,8)
tWP
Write Enable Write Pulse Width
45
50
ns
tWLWL
tWC
Write Enable Write Cycle Time
80
90
ns
Symbol
Alt.
Parameter
M69AW024B
Unit
–60
–70
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com