Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM7005 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 33 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 29Page - Texas Instruments CDCM7005 Datasheet HTML 30Page - Texas Instruments CDCM7005 Datasheet HTML 31Page - Texas Instruments CDCM7005 Datasheet HTML 32Page - Texas Instruments CDCM7005 Datasheet HTML 33Page - Texas Instruments CDCM7005 Datasheet HTML 34Page - Texas Instruments CDCM7005 Datasheet HTML 35Page - Texas Instruments CDCM7005 Datasheet HTML 36Page - Texas Instruments CDCM7005 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
www.ti.com
Phase Noise Performance
f − Frequency − Hz
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
10
100
1k
100k
10M
1M
10k
G009
CDCM7005 in PLL−Closed Loop
CDCM7005 EVM
REF_IN: AgilentE8257C−61.44MHz
VCXO: Toyocom TCO−2111 245.76MHz
CDCM7005 Out is Y0A: 61.44MHz
Loop bandwidth ~ 30Hz
Date: 30. Mar 2005
Phase-Noise
Analyzer
E5052A
CDCM7005
Ref_Clk
LPF
VCXO
Phase Jitter (rms) − 1kHz − 10MHz
LVPECL
61.44MHz (282fs)
Input−Clk
61.44MHz (769fs)
VXCO
245.76MHz (581fs)
LVCMOS
61.44MHz
(230fs)
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
APPLICATION INFORMATION (continued)
REF_IN PHASE
VCXO PHASE
Yx PHASE NOISE
NOISE
NOISE
AT 30.72 MHz
PARAMETER(1)
TEST CONDITIONS
UNIT
AT 30.72 MHz
AT 245.76 MHz
LVCMOS
LVPECL
TYP(2)
TYP(2)
phn10
Phase noise at 10 Hz
–109
–75
–104
–100
dBc/Hz
phn100
Phase noise at 100 Hz
–125
–97
–116
–116
dBc/Hz
Y = 30.72 MHz; fPFD = 200
phn1k
Phase noise at 1 kHz
–134
–117
–140
–140
dBc/Hz
kHz, Loop BW = 20 Hz,
phn10k
Phase noise at 10 kHz
Feedback Divider = 8 x 128
–136
–138
–153
–152
dBc/Hz
(N x P), fREF_IN = 30.72 MHz,
phn100k
Phase noise at 100 kHz
–138
–148
–156
–153
dBc/Hz
M-Divider = 128, ICP = 2 mA
phn1Mk
Phase noise at 1 MHz
–144
–148
–156
–153
dBc/Hz
phn10M
Phase noise at 10 MHz
–144
–148
–156
–153
dBc/Hz
PLL Stabilization Time
tstabi
PLL stabilization time(3)
Y = 30.72 MHz, fPFD = 200
400
ms
kHz, Loop BW = 20 Hz,
Feedback Divider = 8 x 128
(N x P), fREF_IN = 30.72 MHz,
M-Divider = 128, ICP = 2 mA
(1)
Output phase noise is dependent on the noise of the REF_IN clock and VCXO clock noise floor. The phase noise performance of the
BGA and the QFN package is equal. The phase noise measurements were taken with the CDCM7005 EVM and CDCM7005 SPI default
settings.
(2)
The typical stabilization time is based on the above application example. The stabilization criterion was a stable high level of
PLL_LOCK.
(3)
For further explanations, as well as phase noise/jitter test results using various VCXOs, see application note SCAA067.
Figure 25. Phase Noise (61.44-MHz REF_IN and 61.44-MHz Output Frequency)
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com