Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM7005 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 20Page - Texas Instruments CDCM7005 Datasheet HTML 21Page - Texas Instruments CDCM7005 Datasheet HTML 22Page - Texas Instruments CDCM7005 Datasheet HTML 23Page - Texas Instruments CDCM7005 Datasheet HTML 24Page - Texas Instruments CDCM7005 Datasheet HTML 25Page - Texas Instruments CDCM7005 Datasheet HTML 26Page - Texas Instruments CDCM7005 Datasheet HTML 27Page - Texas Instruments CDCM7005 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
www.ti.com
Number of Successive Lock Events Inside the Lock Detect Window (Word 3)
Charge Pump Current (Word 2)
FB_MUX Selection (Word 2)
Yx_MUX – Output Divider Selection for Y0, Y1, Y2, Y3, Y4 (Word 2)
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
LOCKC1(1)
LOCKC0(1)
No. of Successive Lock Events(1)
Default(1)
0
0
1
0
1
16
1
0
64
Yes
1
1
256
(1)
This does not apply to Out-of-Lock condition.
CP3
CP2
CP1
CP0
Typical Charge Pump Current
Default
0
0
0
0
0 µA (3-state)
0
0
0
1
200 µA
0
0
1
0
400 µA
0
0
1
1
600 µA
0
1
0
0
800 µA
0
1
0
1
1 mA
0
1
1
0
1.2 mA
0
1
1
1
1.4 mA
1
0
0
0
1.6 mA
1
0
0
1
1.8 mA
1
0
1
0
2.0 mA
Yes
1
0
1
1
2.2 mA
1
1
0
0
2.4 mA
1
1
0
1
2.6 mA
1
1
1
0
2.8 mA
1
1
1
1
3 mA
FBMUX2
FBMUX1
FBMUX0
Selected VC(X)O Signal for the
Default
Phase Discriminator
0
0
0
Div by 1
0
0
1
Div by 2
0
1
0
Div by 3
0
1
1
Div by 4
1
0
0
Div by 6
1
0
1
Div by 8
Yes
1
1
0
Div by 16(1)
1
1
1
Div by 8
(1)
This divider setting depends on the selected P-divider mode for the “Div-by-16” divider. In the default mode (after power up), Div-by-16
is selected. But if bit 30 or bit 31 of word 1 is set to [1], then the Div-by-4 and 90 degree phase shift or Div-by-8 and 90 degree phase
shift is selected.
YxMUX2
YxMUX1
YxMUX0
Selected Divided V(C)XO Signal for the
Default
Yx Outputs
0
0
0
Div by 1
0
0
1
Div by 2
0
1
0
Div by 3
0
1
1
Div by 4
1
0
0
Div by 6
1
0
1
Div by 8
all Yx
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com