Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM7005 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 16Page - Texas Instruments CDCM7005 Datasheet HTML 17Page - Texas Instruments CDCM7005 Datasheet HTML 18Page - Texas Instruments CDCM7005 Datasheet HTML 19Page - Texas Instruments CDCM7005 Datasheet HTML 20Page - Texas Instruments CDCM7005 Datasheet HTML 21Page - Texas Instruments CDCM7005 Datasheet HTML 22Page - Texas Instruments CDCM7005 Datasheet HTML 23Page - Texas Instruments CDCM7005 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
www.ti.com
Word 2
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
BIT
BIT
DESCRIPTION/FUNCTION
POWER UP
PIN AFFECTED
NAME
CON-
BGA
QFN
DITION
0
C0
Register Selection
0
1
C1
Register Selection
1
2
CP_DIR
CP Direction
Determines in which direction CP current regulates (Reference
0
A4
31
Clock leads to Feedback Clock – see Figure 23)
– positive CP output current [0];
– negative CP output current [1];
3
PRECP
Preset charge pump output voltage to VCC_CP/2, on [1], off [0]
0
A4
31
4
CP0
CP Current
CP Current Setting Bit 0
0
A4
31
5
CP1
CP Current Setting Bit 1
1
A4
31
6
CP2
CP Current Setting Bit 2
0
A4
31
7
CP3
CP Current Setting Bit 3
1
A4
31
8
PFD0
PFD Pulse
PFD Pulse Width PFD Bit 0
0
A4
31
Width
9
PFD1
PFD Pulse Width PFD Bit 1
0
A4
31
10
FBMUX0
FB_MUX
Feedback MUX Select Bit 0
1
11
FBMUX1
Feedback MUX Select Bit 1
0
12
FBMUX2
Feedback MUX Select Bit 2
1
13
Y0MUX0
Y0_MUX
Output Y0x Select Bit 0
1
F1, G1
46, 47
14
Y0MUX1
Output Y0x Select Bit 1
0
F1, G1
46, 47
15
Y0MUX2
Output Y0x Select Bit 2
1
F1, G1
46, 47
16
Y1MUX0
Y1_MUX
Output Y1x Select Bit 0
1
H2, H3
3, 4
17
Y1MUX1
Output Y1x Select Bit 1
0
H2, H3
3, 4
18
Y1MUX2
Output Y1x Select Bit 2
1
H2, H3
3, 4
19
Y2MUX0
Y2_MUX
Output Y2x Select Bit 0
1
H4, H5
7, 8
20
Y2MUX1
Output Y2x Select Bit 1
0
H4, H5
7, 8
21
Y2MUX2
Output Y2x Select Bit 2
1
H4, H5
7, 8
22
Y3MUX0
Y3_MUX
Output Y3x Select Bit 0
1
H6, H7
11, 12
23
Y3MUX1
Output Y3x Select Bit 1
0
H6, H7
11, 12
24
Y3MUX2
Output Y3x Select Bit 2
1
H6, H7
11, 12
25
Y4MUX0
Y4_MUX
Output Y4x Select Bit 0
1
G8, F8
16, 17
26
Y4MUX1
Output Y4x Select Bit 1
0
G8, F8
16, 17
27
Y4MUX2
Output Y4x Select Bit 2
1
G8, F8
16, 17
28
PD
Power Down mode on [0], off [1]
1
Yx
Yx
29
RESHOL
RESET or HOLD Pin definition: RESET [0] or HOLD [1]
0
H8
14
30
RESET
Resets all dividers [0] - (equal to RESET pin function)
1
31
HOLD
3-state charge pump [0] - (equal to HOLD pin function)
1
A4
31
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com