Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM7005 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCM7005 Datasheet HTML 7Page - Texas Instruments CDCM7005 Datasheet HTML 8Page - Texas Instruments CDCM7005 Datasheet HTML 9Page - Texas Instruments CDCM7005 Datasheet HTML 10Page - Texas Instruments CDCM7005 Datasheet HTML 11Page - Texas Instruments CDCM7005 Datasheet HTML 12Page - Texas Instruments CDCM7005 Datasheet HTML 13Page - Texas Instruments CDCM7005 Datasheet HTML 14Page - Texas Instruments CDCM7005 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
www.ti.com
0
50
100
150
200
250
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Output Frequency − MHz
0
100
200
300
400
500
600
700
800
900
for 1 output
for 1 output pair
no output active
one output active div−by−1
one output pair active div−by−1
all outputs active div−by−1
all outputs active div−by−3
for div−by−3/6
VCC = 3.3 V
TA = 255C
Load = 10 pF
D
D
D
fOut − Output Frequency − MHz
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
50
250
450
650
850
1050
1250
1450
1650
1850
VCC = 3.3 V
TA = 25°C
Termination = 50 W to VCC − 2 V
G005
CDCM7005
SCAS793A – JUNE 2005 – REVISED JUNE 2005
TYPICAL CHARACTERISTICS (continued)
LVCMOS SUPPLY CURRENT / DEVICE POWER CONSUMPTION
vs
NUMBER OF ACTIVE OUTPUTS (Load = 10 pF)
A.
To estimate ICC with different P-divider settings use '∆ for div-by-2/4/8/16' and '∆ for div-by-3/6' of Figure 1.
B.
It is not recommended to exceed power dissipation of 700 mW for the BGA package at TA 85°C.
Figure 4.
DIFFERENTIAL LVPECL OUTPUT VOLTAGE
vs
OUTPUT FREQUENCY
Figure 5.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com