Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF5250 Datasheet(PDF) 35 Page - Motorola, Inc

Part # SCF5250
Description  SCF5250 Integrated ColdFire Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCF5250 Datasheet(HTML) 35 Page - Motorola, Inc

Back Button SCF5250 Datasheet HTML 31Page - Motorola, Inc SCF5250 Datasheet HTML 32Page - Motorola, Inc SCF5250 Datasheet HTML 33Page - Motorola, Inc SCF5250 Datasheet HTML 34Page - Motorola, Inc SCF5250 Datasheet HTML 35Page - Motorola, Inc SCF5250 Datasheet HTML 36Page - Motorola, Inc SCF5250 Datasheet HTML 37Page - Motorola, Inc SCF5250 Datasheet HTML 38Page - Motorola, Inc SCF5250 Datasheet HTML 39Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Electrical Characteristics
SCF5250 Integrated ColdFire® Microprocessor Data Sheet, Rev. 1.1
Freescale Semiconductor
35
Figure 10. General-Purpose Parallel Port Timing Definition
Table 29. IEEE 1149.1 (JTAG) AC Timing Specifications
Num
Characteristic
Units
Min
Max
-
TCK Frequency of Operation
0
10
MHz
J1
TCK Cycle Time
100
-
nSec
J2a
TCK Clock Pulse High Width
25
-
nSec
J2b
TCK Clock Pulse Low Width
25
-
nSec
J3a
TCK Fall Time
(VIH=2.4 V to VIL=0.5 V)
—5
nSec
J3b
TCK Rise Time
(VIL=0.5 v to VIH=2.4 V)
—5
nSec
J4
TDI, TMS to TCK rising (Input Setup)
8
—
nSec
J5
TCK rising to TDI, TMS Invalid (Hold)
10
—
nSec
J6
Boundary Scan Data Valid to TCK (Setup)
tbd
—
nSec
J7
TCK to Boundary Scan Data Invalid to rising edge (Hold)
tbd
—
nSec
J8
TRST Pulse Width
(asynchronous to clock edges)
12
—
nSec
J9
TCK falling to TDO Valid
(signal from driven or three-state)
—15
nSec
J10
TCK falling to TDO High Impedance
—
15
nSec
J11
TCK falling to Boundary Scan Data Valid
(signal from driven or three-state)
—
tbd
nSec
BCLK
GPIO IN
GPIO OUT
P1
P2
P4
P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com