Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF5250 Datasheet(PDF) 43 Page - Motorola, Inc

Part # SCF5250
Description  SCF5250 Integrated ColdFire Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCF5250 Datasheet(HTML) 43 Page - Motorola, Inc

Back Button SCF5250 Datasheet HTML 39Page - Motorola, Inc SCF5250 Datasheet HTML 40Page - Motorola, Inc SCF5250 Datasheet HTML 41Page - Motorola, Inc SCF5250 Datasheet HTML 42Page - Motorola, Inc SCF5250 Datasheet HTML 43Page - Motorola, Inc SCF5250 Datasheet HTML 44Page - Motorola, Inc SCF5250 Datasheet HTML 45Page - Motorola, Inc SCF5250 Datasheet HTML 46Page - Motorola, Inc SCF5250 Datasheet HTML 47Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Pin-Out and Package Information
SCF5250 Integrated ColdFire® Microprocessor Data Sheet, Rev. 1.1
Freescale Semiconductor
43
102
TDI/DSI
I
JTAG/debug
BDM
103
TCK
I
JTAG
BDM
104
TMS/BKPT
I
JTAG/debug
BDM
105
TRST/DSCLK
I
JTAG/Debug
BDM
106
RSTI
I
Reset
X
107
SCLK2/GPIO22
I/O
Audio interfaces serial clock 2
In / LOW
108
LRCK2/GPIO23
I/O
Audio interfaces EBU out 1
In /LOW
109
LINOUT
A
Linear regulator output
X
110
LININ
A
Linear regulator input
X
111
LINGND
Linear regulator ground
X
112
SDATAO2/GPIO34
I/O
Audio interfaces serial data output 2 Out / LOW
113
MCLK1/GPIO11
I/O
Audio master clock output 1
Out / clock output
114
HI-Z
I
JTAG
X
115
TEST2
I
Test
X
116
TEST1
I
Test
X
117
TEST0
I
Test
X
118
SDWE/GPIO38
I/O
SDRAM write enable
Out / HIGH
119
SDCAS/GPIO39
I/O
SDRAM CAS
Out / HIGH
120
PAD VDD
121
SDRAS/GPIO59
I/O
SDRAM RAS
Out / HIGH
122
SD_CS0/GPIO60
I/O
SDRAM chip select out 0
Out / HIGH
123
SDLDQM/GPO52
O
SDRAM LDQM
Out / HIGH
124
SDUDQM/GPO53
O
SDRAM UDQM
Out / HIGH
125
BCLKE/GPIO63
I/O
SDRAM clock enable output
Out / HIGH
126
BCLK/GPIO40
I/O
SDRAM clock output
Out / HIGH
127
DATA31
I/O
Data
X
128
DATA30
I/O
Data
X
Table 33. 144 QFP Pin Assignments (continued)
144 QFP
Pin
Number
Name
Type
Description
Pin State
After Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com