Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF5250 Datasheet(PDF) 11 Page - Motorola, Inc

Part # SCF5250
Description  SCF5250 Integrated ColdFire Microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCF5250 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button SCF5250 Datasheet HTML 7Page - Motorola, Inc SCF5250 Datasheet HTML 8Page - Motorola, Inc SCF5250 Datasheet HTML 9Page - Motorola, Inc SCF5250 Datasheet HTML 10Page - Motorola, Inc SCF5250 Datasheet HTML 11Page - Motorola, Inc SCF5250 Datasheet HTML 12Page - Motorola, Inc SCF5250 Datasheet HTML 13Page - Motorola, Inc SCF5250 Datasheet HTML 14Page - Motorola, Inc SCF5250 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
Signal Descriptions
SCF5250 Integrated ColdFire® Microprocessor Data Sheet, Rev. 1.1
Freescale Semiconductor
11
Serial input
EF/GPIO6
error flag serial in
In/Out
Serial input
CFLG/GPIO5
C-flag serial in
In/Out
Subcode clock
RCK/QSPI_DIN/QSPI_DOUT/
GPIO26
audio interfaces subcode clock
In/Out
Subcode sync
QSPI_DOUT/SFSY/GPIO27
audio interfaces subcode sync
In/Out
Subcode data
QSPI_CLK/SUBR/GPIO25
audio interfaces subcode data
In/Out
Clock frequency trim
XTRIM/GPIO0
clock trim control
Out
Audio clocks out
MCLK1/GPIO11
QSPI_CS2/MCLK2/GPIO24
DAC output clocks
Out
Audio clock in
LRCK3/GPIO43/AUDIO_CLOCK
Optional Audio clock Input
MemoryStick/SecureDigita
l interface
EBUIN3/CMD_SDIO2/GPIO14
Secure Digital command lane
MemoryStick interface 2 data i/o
In/Out
EBUIN2/SCLK_OUT/GPIO13
Clock out for both MemoryStick
interfaces and for Secure Digital
In/Out
DDATA0/CTS1/SDATA0_SDIO1/GPIO1 SecureDigital serial data bit 0
MemoryStick interface 1 data i/o
In/Out
SCL0/SDATA1_BS1/GPIO41
SecureDigital serial data bit 1
MemoryStick interface 1 strobe
In/Out
DDATA1/RTS1/SDATA2_BS2/GPIO2
SecureDigital serial data bit 2
MemoryStick interface 2 strobe
Reset output signal
In/Out
SDA0/SDATA3/GPIO42
SecureDigital serial data bit 3
In/Out
ADC IN
ADIN0/GPI52
ADIN1/GPI53
ADIN2/GPI54
ADIN3/GPI55
ADIN4/GPI56
ADIN5/GPI57
Analog to Digital converter input
signals
In
ADC OUT
ADREF
ADOUT/SCLK4/GPIO58
Analog to digital convertor output
signal. Connect to ADREF via
integrator network.
In/Out
QSPI clock
QSPI_CLK/SUBR/GPIO25
QSPI clock signal
In/Out
QSPI data in
RCK/QSPI_DIN/QSPI_DOUT/GPIO26 QSPI data input
In/Out
QSPI data out
RCK/QSPI_DIN/QSPI_DOUT/GPIO26
QSPI_DOUT/SFSY/GPIO27
QSPI data out
In/Out
QSPI chip selects
QSPI_CS0/EBUIN4/GPIO15
QSPI_CS1/EBUOUT2/GPIO16
QSPI_CS2/MCLK2/GPIO24
CS1/QSPI_CS3/GPIO28
QSPI chip selects
In/Out
Crystal in
CRIN
Crystal input
In
Crystal out
CROUT
Crystal Out
Out
Reset In
RSTI
Processor Reset Input
In
Freescale Test Mode
TEST[2:0]
TEST pins.
In
Linear regulator output
LINOUT
outputs 1.2 V to supply core
Out
Table 3. SCF5250 Signal Index (continued)
Signal Name
Mnemonic
Function
Input/
Output
Reset
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com