Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC81xM Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 29Page - NXP Semiconductors LPC81xM Datasheet HTML 30Page - NXP Semiconductors LPC81xM Datasheet HTML 31Page - NXP Semiconductors LPC81xM Datasheet HTML 32Page - NXP Semiconductors LPC81xM Datasheet HTML 33Page - NXP Semiconductors LPC81xM Datasheet HTML 34Page - NXP Semiconductors LPC81xM Datasheet HTML 35Page - NXP Semiconductors LPC81xM Datasheet HTML 36Page - NXP Semiconductors LPC81xM Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
33 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
11. Static characteristics
Table 9.
Static characteristics
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD
supply voltage (core
and external rail)
1.8
3.3
3.6
V
IDD
supply current
Active mode; code
while(1){}
executed from flash;
system clock = 12 MHz; default
mode; VDD = 3.3 V
[2][3][4][5] -1.4
-
mA
system clock = 12 MHz;
low-current mode; VDD = 3.3 V
[2][3][4][5]
[6]
-1.0
-
mA
system clock = 24 MHz;
low-current mode; VDD = 3.3 V
[2][4][5][6]
[7]
-2.2
-
mA
system clock = 30 MHz; default
mode; VDD = 3.3 V
[2][4][5][8] -3.3
-
mA
system clock = 30 MHz;
low-current mode; VDD = 3.3 V
[2][4][5][6]
[8]
-3
-
mA
Sleep mode
system clock = 12 MHz; default
mode; VDD = 3.3 V
[2][3][4][5] -0.8
-
mA
system clock = 12 MHz;
low-current mode; VDD = 3.3 V
[2][3][4][5]
[6]
-0.7
-
mA
system clock = 24 MHz;
low-current mode; VDD = 3.3 V
[2][4][5][6]
[7]
-1.3
-
mA
system clock = 30 MHz; default
mode; VDD = 3.3 V
[2][4][5][8] -1.8
-
mA
system clock = 30 MHz;
low-current mode; VDD = 3.3 V
[2][4][5][6]
[8]
-1.7
-
mA
Deep-sleep mode
VDD = 3.3 V, Tamb = 25 °C
[2][9] -
150
300
A
VDD = 3.3 V, Tamb = 105 °C
[2][9] -
-
400
A
Power-down mode
VDD = 3.3 V, Tamb = 25 °C
[2][9] -0.9
5
A
VDD = 3.3 V, Tamb = 105 °C
[2][9] --
40
A
Deep power-down mode;
Low-power oscillator and self
wakeup timer (WKT) disabled
VDD = 3.3 V, Tamb = 25 °C
[10] -
170
1000
nA
VDD = 3.3 V, Tamb = 105 °C
[10] --
4
A
Deep power-down mode;
Low-power oscillator and self
wakeup timer (WKT) enabled
-1
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com