Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC81xM Datasheet(PDF) 42 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 38Page - NXP Semiconductors LPC81xM Datasheet HTML 39Page - NXP Semiconductors LPC81xM Datasheet HTML 40Page - NXP Semiconductors LPC81xM Datasheet HTML 41Page - NXP Semiconductors LPC81xM Datasheet HTML 42Page - NXP Semiconductors LPC81xM Datasheet HTML 43Page - NXP Semiconductors LPC81xM Datasheet HTML 44Page - NXP Semiconductors LPC81xM Datasheet HTML 45Page - NXP Semiconductors LPC81xM Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
42 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
11.3 Peripheral power consumption
The supply current per peripheral is measured as the difference in supply current between
the peripheral block enabled and the peripheral block disabled in the SYSAHBCLKCFG
and PDRUNCFG (for analog blocks) registers. All other blocks are disabled in both
registers and no code is executed. Measured on a typical sample at Tamb =25 C. Unless
noted otherwise, the system oscillator and PLL are running in both measurements.
The supply currents are shown for system clock frequencies of 12 MHz and 30 MHz.
Table 10.
Power consumption for individual analog and digital blocks
Peripheral
Typical supply current in mA
Notes
n/a
12 MHz
30 MHz
IRC
0.21
-
-
System oscillator running; PLL off; independent
of main clock frequency.
System oscillator at 12 MHz
0.28
-
-
IRC running; PLL off; independent of main clock
frequency.
Watchdog oscillator at
500 kHz/2
0.002
-
-
System oscillator running; PLL off; independent
of main clock frequency.
BOD
0.05
-
-
Independent of main clock frequency.
Main PLL
-
0.31
-
-
CLKOUT
-
0.06
0.09
Main clock divided by 4 in the CLKOUTDIV
register.
ROM
-
0.08
0.19
-
I2C
-
0.06
0.15
-
GPIO + pin interrupt/pattern
match
-
0.09
0.23
GPIO pins configured as outputs and set to
LOW. Direction and pin state are maintained if
the GPIO is disabled in the SYSAHBCLKCFG
register.
SWM
-
0.03
0.07
-
SCT
-
0.17
0.42
-
WKT
-
0.01
0.03
-
MRT
-
0.09
0.21
-
SPI0
-
0.05
0.13
-
SPI1
-
0.06
0.14
-
CRC
-
0.03
0.07
-
USART0
-
0.04
0.10
-
USART1
-
0.04
0.11
-
USART2
-
0.04
0.10
-
WWDT
-
0.04
0.10
Main clock selected as clock source for the
WDT.
IOCON
-
0.03
0.08
-
Comparator
-
0.04
0.09
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com