Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC81xM Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 53Page - NXP Semiconductors LPC81xM Datasheet HTML 54Page - NXP Semiconductors LPC81xM Datasheet HTML 55Page - NXP Semiconductors LPC81xM Datasheet HTML 56Page - NXP Semiconductors LPC81xM Datasheet HTML 57Page - NXP Semiconductors LPC81xM Datasheet HTML 58Page - NXP Semiconductors LPC81xM Datasheet HTML 59Page - NXP Semiconductors LPC81xM Datasheet HTML 60Page - NXP Semiconductors LPC81xM Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
57 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
[1]
CL = 10 pF; results from measurements on silicon samples over process corners and over the full temperature range Tamb = 40 C to
+105
C. Typical data are for T
amb = 27 C.
[2]
Input hysteresis is relative to the reference input channel and is software programmable to three levels.
[1]
Maximum values are derived from worst case simulation (VDD = 2.6 V; Tamb = 105 C; slow process
models).
[2]
Settling time applies to switching between comparator channels.
tPD
propagation delay
HIGH to LOW; VDD = 3.0 V;
VIC = 0.1 V; 50 mV overdrive input
[1]
-
109
121
ns
VIC = 0.1 V; rail-to-rail input
[1]
-
155
164
ns
VIC = 1.5 V; 50 mV overdrive input
[1]
-95
105
ns
VIC = 1.5 V; rail-to-rail input
[1]
-
101
108
ns
VIC = 2.9 V; 50 mV overdrive input
[1]
-
122
129
ns
VIC = 2.9 V; rail-to-rail input
[1]
-74
82
ns
tPD
propagation delay
LOW to HIGH; VDD = 3.0 V;
VIC = 0.1 V; 50 mV overdrive input
[1]
-
246
260
ns
VIC = 0.1 V; rail-to-rail input
[1]
-57
59
ns
VIC = 1.5 V; 50 mV overdrive input
[1]
-
218
ns
VIC = 1.5 V; rail-to-rail input
[1]
-
146
155
ns
VIC = 2.9 V; 50 mV overdrive input
[1]
-
184
206
ns
VIC = 2.9 V; rail-to-rail input
[1]
-
250
286
ns
Vhys
hysteresis voltage
positive hysteresis; VDD = 3.0 V;
VIC = 1.5 V
[2]
-
6, 11, 21
-
mV
Vhys
hysteresis voltage
negative hysteresis; VDD = 3.0 V;
VIC = 1.5 V
[2][2] -
4, 9, 19
-
mV
Rlad
ladder resistance
-
-
1.034
-
M
Table 22.
Comparator characteristics …continued
VDD = 3.0 V and Tamb = 27 C unless noted otherwise.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 23.
Comparator voltage ladder dynamic characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ts(pu)
power-up settling
time
to 99% of voltage
ladder output
value
[1] --
30
s
ts(sw)
switching settling
time
to 99% of voltage
ladder output
value
[1]
[2]
--
15
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com