| Electronic Components Datasheet Search |
|
AD9544/PCBZ Datasheet(PDF) 33 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9544/PCBZ Datasheet(HTML) 33 Page - Analog Devices |
|
33 / 62 page ![]() Data Sheet AD9544 Rev. 0 | Page 33 of 62 APPLICATIONS INFORMATION OPTICAL NETWORKING LINE CARD In this application (shown in Figure 41), the AD9544 is used in a variety of ways. In a loop timed (WAN) mode, one of the AD9544 DPLLs locks to the CDR and is used to remove jitter on the receiver path, sending that clock to the central timing card, as well as the framer. In some applications, the AD9544 can also perform a variety of frequency translation tasks, such as multiplying or dividing by an FEC ratio, and/or removing jitter from a gapped clock. The other DPLL cleans jitter and provides clocking to the transmitter path. Other tasks include frequency translation and jitter cleaning of the reference clock from the timing card, as well as seamlessly managing the reference switching from Timing Card 1 to Timing Card 2. Given the continually evolving nature of optical line card protocols and functions, the functions listed in this section are by no means exhaustive. FIBER FIBER SYSTEM CLOCK PLL STATUS AND CONTROL PINS AD9544 LINE CARD TEMPERATURE SENSOR SYSTEM CLOCK COMPENSATION REFERENCE SWITCHING CONTROL REFERENCE MONITORS TDC REFERENCE INPUTS NCO DPLL DPLL0 PLL APLL0 VCO NCO DPLL DPLL1 PLL APLL1 VCO PLL0 PLL1 DISTRIBUTION OUTPUTS DISTRIBUTION OUTPUTS ÷2 ÷Q ÷R OUT0AP, OUT0AN, OUT0BP, OUT0BN, OUT0CP, OUT0CN OUT1AP, OUT1AN, OUT1BP, OUT1BN XOA, XOB INTERNAL ZERO DELAY INTERNAL ZERO DELAY EEPROM (OPTIONAL) SYSTEM CLOCK DIGITAL CROSS POINT MUX SERIAL PORT (SPI/I2C) AND EEPROM CONTROLLER M0 TO M6 REFA, REFAA, REFB, REFBB ÷2 ÷Q FROM TIMING CARD 1 FROM TIMING CARD 2 FRAMER/FEC SERIALIZER FRAMER/FEC DESERIALIZER CDR LDD LASER DIODE Tx TIA PHOTO DIODE POST AMP Rx OPTICAL MODULE SERIAL PORT Figure 41. Optical Line Card Example |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |