Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9544/PCBZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9544/PCBZ
Description  Quad Input, 10-Output, Dual DPLL, 1 pps Synchronizer and Jitter Cleaner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9544/PCBZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9544/PCBZ Datasheet HTML 40Page - Analog Devices AD9544/PCBZ Datasheet HTML 41Page - Analog Devices AD9544/PCBZ Datasheet HTML 42Page - Analog Devices AD9544/PCBZ Datasheet HTML 43Page - Analog Devices AD9544/PCBZ Datasheet HTML 44Page - Analog Devices AD9544/PCBZ Datasheet HTML 45Page - Analog Devices AD9544/PCBZ Datasheet HTML 46Page - Analog Devices AD9544/PCBZ Datasheet HTML 47Page - Analog Devices AD9544/PCBZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
AD9544
Data Sheet
Rev. 0 | Page 44 of 62
INTERRUPT REQUEST (IRQ)
The AD9544 monitors certain internal device events potentially
allowing them to trigger an IRQ event. Three groups of registers
(see Figure 47) control the IRQ functionality within the AD9544:
•
IRQ monitor registers (Register 0x300B through
Register 0x3019)
•
IRQ mask registers (Register 0x010C through Register 0x011A)
•
IRQ clear registers (Register 0x2006 through Register 0x2014)
The IRQ logic can indicate an IRQ event status result for any
specific device event(s) via the logical OR of the status of all the
IRQ monitor bits. In addition, the IRQ logic offers IRQ event
status results for particular groups of specific IRQ events,
namely, the PLL0 IRQs, PLL1 IRQs, and common IRQs (see
Figure 47).
The PLL0 IRQ group includes all device events associated with
DPLL0 and APLL0. The PLL1 IRQ group includes all device
events associated with DPLL1 and APLL1. The common IRQ
group includes events associated with the system clock, the
watchdog timer, and the EEPROM.
IRQ MONITOR
The IRQ monitor registers (in the general status section of the
register map) maintain a record of specific IRQ events. The
occurrence of a specific device event results in the setting and
latching of the corresponding bit in the IRQ monitor. The
output of the IRQ monitor provides the mechanism for
generating IRQ event status results (see the PLL0 IRQ, PLL1
IRQ, common IRQ, or any IRQ signal shown in Figure 47).
IRQ MASK
The IRQ mask registers (in the Mx pin status and control section
of the register map) comprise a bit for bit correspondence with
the specific IRQ event bits within the IRQ monitor. Writing a
Logic 1 to a mask bit enables (unmasks) the corresponding
specific device event to the IRQ monitor. A Logic 0 (default)
disables (masks) the corresponding specific device event to the
IRQ monitor. Therefore, a specific IRQ event is the result of a
logical AND of a specific device event and its associated IRQ,
mask bit.
The presence of the IRQ mask allows the user to select certain
device events for generating an IRQ event, while ignoring
(masking) all other specific device events from contributing to
an IRQ event status result (PLL0 IRQ, PLL1 IRQ, common IRQ
or any IRQ signal in Figure 47). Note that the default state of the
IRQ mask register bits is Logic 0; therefore, the device is not
capable of generating an IRQ event status result until the user
populates the IRQ mask with a Logic 1 to unmask the desired
specific IRQ events. Writing a Logic 1 to an IRQ mask bit may
result in immediate indication of an IRQ status event result if the
corresponding specific device event is already asserted (that is,
the device previously registered the corresponding device event).
IRQ CLEAR
The IRQ clear registers (in the operational controls section of
the register map) comprise a bit for bit correspondence with
the IRQ monitor. Writing a Logic 1 to an IRQ clear bit forces
the corresponding IRQ monitor bit to Logic 0, thereby clearing
that specific IRQ event. Note that the IRQ clear registers are
autoclearing; therefore, after writing a Logic 1 to an IRQ clear bit,
the device automatically restores the IRQ clear bit to Logic 0.
The IRQ event status results remain asserted until the user
clears all of the bits in the IRQ monitor responsible for the IRQ
status result (that is, the entire group of status bits associated
with PLL0 IRQ, PLL1 IRQ, common IRQ, or any IRQ signal
shown in Figure 47).
Although it is not recommended, in certain applications, it
may be desirable to clear an entire IRQ group all at one time.
Register 0x2005 provides four bits for clearing IRQ groups.
Bit D0 clears all IRQ monitor bits. Bit D1 clears the common
IRQ bits. Bit D2 clears the PLL0 IRQ bits. Bit D3 clears the
PLL1 IRQ bits.
Alternately, the user can program any of the multifunction pins
as an input for clearing an IRQ group, which allows clearing an
IRQ group with an external logic signal rather than by writing
to Register 0x2005 (see Figure 47).
The recommendation for clearing IRQ status events is to first
service the specific IRQ event (as needed) and then clear the
specific IRQ for that particular IRQ event. Clearing IRQ groups
via Register 0x2005 or via an Mx pin requires great care.
Clearing an IRQ group all at one time may result in the
unintentional clearing of one or more asserted IRQ monitor
bits. Clearing asserted IRQ monitor bits eliminates the record of
the associated device events, subsequently erasing any history of
those events having occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com