Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8562 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 3Page - NXP Semiconductors PCF8562 Datasheet HTML 4Page - NXP Semiconductors PCF8562 Datasheet HTML 5Page - NXP Semiconductors PCF8562 Datasheet HTML 6Page - NXP Semiconductors PCF8562 Datasheet HTML 7Page - NXP Semiconductors PCF8562 Datasheet HTML 8Page - NXP Semiconductors PCF8562 Datasheet HTML 9Page - NXP Semiconductors PCF8562 Datasheet HTML 10Page - NXP Semiconductors PCF8562 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
November 22, 2004
7
Philips Semiconductors
Preliminary specification
Universal LCD driver
for low multiplex rates
PCF8562
6
FUNCTIONAL DESCRIPTION
The PCF8562 is a versatile peripheral device designed to interface any microprocessor/microcontroller with a wide
variety of LCDs. It can directly drive any static or multiplexed LCD containing up to four backplanes and up to
32 segments.
The display configurations possible with the PCF8562 depend on the number of active backplane outputs required. A
selection of display configurations is shown in Table 1; all of these configurations can be implemented in the typical
system shown in Fig.4.
The host microprocessor/microcontroller maintains the 2-line I2C-bus communication channel with the PCF8562. The
internal oscillator is enabled by connecting pin OSC to pin VSS. The appropriate biasing voltages for the multiplexed LCD
waveforms are generated internally. The only other connections required to complete the system are to the power
supplies (VDD, VSS and VLCD) and the LCD panel chosen for the application.
Table 1
Selection of display configurations
NUMBER OF
7-SEGMENTS NUMERIC
14-SEGMENTS
ALPHANUMERIC
DOT MATRIX
BACKPLANE
S
SEGMENTS
DIGITS
INDICATOR
SYMBOLS
CHARACTERS
INDICATOR
SYMBOLS
4
128
16
16
8
16
128 dots (4
× 32)
3
86
12
12
6
12
96 dots (3
× 32)
2
64
8
8
4
8
64 dots (2
× 32)
1
32
4
4
2
4
32 dots (1
× 32)
Fig.4 Typical system configuration.
The resistance of the power supply lines must be kept to a minimum.
HOST
MICRO-
PROCESSOR/
MICRO-
CONTROLLER
tr
2CB
SDA
SCL
OSC
32 segment drives
4 backplanes
LCD PANEL
(up to 128
elements)
PCF8562
A0
A1
A2
SA0
VDD
VSS
VSS
VDD
VLCD
MDB079v2
R
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com