Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8562 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 12Page - NXP Semiconductors PCF8562 Datasheet HTML 13Page - NXP Semiconductors PCF8562 Datasheet HTML 14Page - NXP Semiconductors PCF8562 Datasheet HTML 15Page - NXP Semiconductors PCF8562 Datasheet HTML 16Page - NXP Semiconductors PCF8562 Datasheet HTML 17Page - NXP Semiconductors PCF8562 Datasheet HTML 18Page - NXP Semiconductors PCF8562 Datasheet HTML 19Page - NXP Semiconductors PCF8562 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
November 22, 2004
16
Philips Semiconductors
Preliminary specification
Universal LCD driver
for low multiplex rates
PCF8562
7-segment numeric display showing all drive modes is given in Fig.10; the RAM filling organization depicted applies
equally to other LCD types.
With reference to Fig.10, in the static drive mode, the eight transmitted data bits are placed in bit 0 of eight successive
display RAM addresses. In the 1 : 2 mode, the eight transmitted data bits are placed in bits 0 and 1 of four successive
display RAM addresses. In the 1 : 3 mode, these bits are placed in bits 0, 1 and 2 of three successive addresses, with
bit 2 of the third address left unchanged. This last bit may, if necessary, be controlled by an additional transfer to this
address but care should be taken to avoid overriding adjacent data because full bytes are always transmitted.
In the 1 : 4 mode, the eight transmitted data bits are placed in bits 0, 1, 2 and 3 of two successive display RAM
addresses.
6.11
Data pointer
The addressing mechanism for the display RAM is realized using the data pointer. This allows the loading of an individual
display data byte, or a series of display data bytes, into any location of the display RAM. The sequence commences with
the initialization of the data pointer by the LOAD DATA POINTER command. Following this, an arriving data byte is stored
at the display RAM address indicated by the data pointer in accordance with the filling order shown in Fig.11. After each
byte is stored, the contents of the data pointer are automatically incremented by a value dependent on the selected LCD
drive mode: eight (static drive mode), four (1 : 2 mode), three (1 : 3 mode) or two (1 : 4 mode). If an I2C-bus data access
is terminated early then the state of the data pointer will be unknown. The data pointer should be re-written prior to further
RAM accesses.
6.12
Device Select
Storage is allowed to take place when the internal select register agrees with the hardware subaddress applied to A0,
A1 and A2.
The hardware subaddress should not be changed whilst the device is being accessed on the I2C-bus interface.
6.13
Output bank selector
The output bank selector selects one of the four bits per display RAM address for transfer to the display latch. The actual
bit chosen depends on the selected LCD drive mode and on the instant in the multiplex sequence. In 1 : 4 mode, all RAM
addresses of bit 0 are selected, these are followed by the contents of bit 1, bit 2 and then bit 3. Similarly in 1 : 3 mode,
bits 0, 1 and 2 are selected sequentially. In 1 : 2 mode, bits 0 and 1 are selected and, in static mode, bit 0 is selected.
Signal SYNC will reset these sequences to the following starting points; bit 3 for 1 : 4 mode, bit 2 for 1 : 3 mode, bit 1
for 1 : 2 mode and bit 0 for static mode.
Fig.10 Display RAM bit-map showing direct relationship between display RAM addresses and
segment outputs also between bits in a RAM word and the backplane outputs.
0
0
1
2
3
1
2
3
4
27
28
29
30
31
display RAM addresses (rows) / segment outputs (S)
display RAM bits
(columns) /
backplane outputs
(BP)
MBE525v2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com