Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8562 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 24Page - NXP Semiconductors PCF8562 Datasheet HTML 25Page - NXP Semiconductors PCF8562 Datasheet HTML 26Page - NXP Semiconductors PCF8562 Datasheet HTML 27Page - NXP Semiconductors PCF8562 Datasheet HTML 28Page - NXP Semiconductors PCF8562 Datasheet HTML 29Page - NXP Semiconductors PCF8562 Datasheet HTML 30Page - NXP Semiconductors PCF8562 Datasheet HTML 31Page - NXP Semiconductors PCF8562 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
November 22, 2004
28
Philips Semiconductors
Preliminary specification
Universal LCD driver
for low multiplex rates
PCF8562
11 AC CHARACTERISTICS
VDD = 1.8 to 5.5 V; VSS = 0 V; VLCD = 2.5 to 6.5 V; Tamb =
−40 to +85 °C; unless otherwise specified.
Notes
1.
Typical output duty factor: 50% measured at the CLK output pin.
2.
Not tested in production.
3.
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to
VIL and VIH with an input voltage swing of VSS to VDD.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fCLK
oscillator frequency
note 1
960
1890
2640
Hz
tCLKH
input CLK HIGH time
60
−
−
µs
tCLKL
input CLK LOW time
60
−
−
µs
tPD(SYNC)
SYNC propagation delay
−
30
−
ns
tSYNCL
SYNC LOW time
1
−
−
µs
tPD(LCD)
driver delays with test loads
VLCD = 5 V; note 2
−
−
30
µs
Timing characteristics: I2C-bus; note 3
fSCL
SCL clock frequency
−
−
400
kHz
tBUF
bus free time between a STOP and START
1.3
−
−
µs
tHD;STA
START condition hold time
0.6
−
−
µs
tSU;STA
set-up time for a repeated START condition
0.6
−
−
µs
tLOW
SCL LOW time
1.3
−
−
µs
tHIGH
SCL HIGH time
0.6
−
−
µs
tr
SCL and SDA rise time
−
−
0.3
µs
tf
SCL and SDA fall time
−
−
0.3
µs
CB
capacitive bus line load
−
−
400
pF
tSU;DAT
data set-up time
100
−
−
ns
tHD;DAT
data hold time
0
−
−
ns
tSU;STO
set-up time for STOP condition
0.6
−
−
µs
tSW
tolerable spike width on bus
−
−
50
ns
Fig.18 Test loads.
handbook, full pagewidth
MCE439v2
Ω
3.3 k
Ω
1.5 k
0.5VDD
VDD
VSS
SDA,
SCL
CLK
1 nF
BP0to BP3,and
S0to S31
(2%)
(2%)
Ω
6.8
VDD
SYNC
(2%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com