| Electronic Components Datasheet Search |
|
PCF8562 Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8562 Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 36 page ![]() November 22, 2004 20 Philips Semiconductors Preliminary specification Universal LCD driver for low multiplex rates PCF8562 The I2C-bus protocol is shown in Fig.16. The sequence is initiated with a START condition (S) from the I2C-bus master which is followed by one of two possible PCF8562 slave addresses available. All PCF8562s whose SA0 inputs correspond to bit 0 of the slave address respond by asserting an acknowledge in parallel. This I2C-bus transfer is ignored by all PCF8562s whose SA0 inputs are set to the alternative level. After an acknowledgement, one or more command bytes follow which define the status of the PCF8562. The last command byte sent is identified by resetting its most significant bit, continuation bit C, (see Fig.17). The command bytes are also acknowledged by all addressed PCF8562s on the bus. After the last command byte, one or more display data bytes may follow. Display data bytes are stored in the display RAM at the address specified by the data pointer and the subaddress counter. Both data pointer and subaddress counter are automatically updated. An acknowledgement after each byte is asserted only by PCF8562s that are addressed via address lines A0, A1 and A2. After the last display byte, the I2C-bus master asserts a STOP condition (P). Alternately a START may be asserted to RESTART an I2C-bus access. 7.8 Command decoder The command decoder identifies command bytes that arrive on the I2C-bus. All available commands carry a continuation bit C in their most significant bit position as shown in Fig.17. When this bit is set, it indicates that the next byte of the transfer to arrive will also represent a command. If this bit is reset, it indicates that the command byte is the last in the transfer. Further bytes will be regarded as display data. The five commands available to the PCF8562 are defined in Table 4. Fig.12 Bit transfer. MBA607 data line stable; data valid change of data allowed SDA SCL |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |