Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5750 Datasheet(PDF) 12 Page - IXYS Corporation

Part # CPC5750
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750 Datasheet(HTML) 12 Page - IXYS Corporation

Back Button CPC5750 Datasheet HTML 8Page - IXYS Corporation CPC5750 Datasheet HTML 9Page - IXYS Corporation CPC5750 Datasheet HTML 10Page - IXYS Corporation CPC5750 Datasheet HTML 11Page - IXYS Corporation CPC5750 Datasheet HTML 12Page - IXYS Corporation CPC5750 Datasheet HTML 13Page - IXYS Corporation CPC5750 Datasheet HTML 14Page - IXYS Corporation CPC5750 Datasheet HTML 15Page - IXYS Corporation CPC5750 Datasheet HTML 16Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
12
PRELIMINARY
Rev F
CPC5750
2.1.5 CPB (bit 2)
The Clocks Per Bit (CPB) selection bit is used to set the number of PCM clock cycles per bit of transmit and
receive data transfer at either 1 clock-per-bit or 2 clocks-per-bit. This programmable option is only used in PCM
Mode as the clock rate is auto-detected in GCI Mode.
Logic '0': 1 Clock cycle Per data Bit
Logic '1': 2 Clock cycles Per data Bit
2.1.6 TXZ (bit 1)
The PCM data Tri-state (TXZ) selection bit is used to set when the PCM transmit output driver, DTX, goes high
impedance.
Logic '0': Tri-State on the first PCLK Rising Edge following the LSB of the time slot.
Logic '1': Tri-State on the PCLK Falling Edge during the LSB of the time slot. (The second falling
edge of PCLK when CPB = 1.)
2.1.7 TM (bit 0)
Reserved: This bit is not user defined and it’s value should not be modified. The default power up and reset value
of this bit is 0 and must not be changed.
2.2 TX Path Gain: ±1dB Steps Register
FIve bits of this register determine the analog input amplifier gain in 1 dB steps as shown in the following table.
2.2.1 TXG (bits [4:0])
TXG is a 5-bit, 2's complement number between -12 and 12. This value sets the transmit path gain in 1 dB
increments. Values of TXG larger than +12 set a gain of +12dB. Values of TXG less than -12 set a gain of -12dB.
2.3 TX Path Gain: +0.1dB Steps Register
Four bits of this register determine the analog input amplifier gain in 0.1 dB steps as shown in the following table.
2.3.1 TXB (bits [3:0])
TXB is a 4-bit number between 0 and +9. This value increases the transmit path gain in 0.1dB increments. These
bits are used in conjunction with the TXG bits to define a 9-bit gain value from -12dB to +12.9dB in 0.1dB steps.
For example, to set the transmit gain to -0.1dB, the TXG bits are set for -1dB (11111) and the TXB bits are set for
+0.9dB (1001). The nine bit value 111111001(binary) provides for a transmit gain = -1dB + 0.9dB = -0.1dB;
EX2: 111110000 = -1dB; EX3: 001110011 = +7.3dB. Values of TXB are always positive and values greater
than 9 continue to define the gain as +0.9dB.
Register
7
6
5
4
3
2
1
0
Address
TX Path Gain: ±1dB Steps
-
-
-
TXG(4)
TXG(3)
TXG(2)
TXG(1)
TXG(0)
0x1
Default Value
0
0000000
-
Register
7
6
5
4
3
2
1
0
Address
TX Path Gain: +0.1dB Steps
----
TXB(3)
TXB(2)
TXB(1)
TXB(0)
0x2
Default Value
0
0000000
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com