Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5750 Datasheet(PDF) 23 Page - IXYS Corporation

Part # CPC5750
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750 Datasheet(HTML) 23 Page - IXYS Corporation

Back Button CPC5750 Datasheet HTML 19Page - IXYS Corporation CPC5750 Datasheet HTML 20Page - IXYS Corporation CPC5750 Datasheet HTML 21Page - IXYS Corporation CPC5750 Datasheet HTML 22Page - IXYS Corporation CPC5750 Datasheet HTML 23Page - IXYS Corporation CPC5750 Datasheet HTML 24Page - IXYS Corporation CPC5750 Datasheet HTML 25Page - IXYS Corporation CPC5750 Datasheet HTML 26Page - IXYS Corporation CPC5750 Datasheet HTML 27Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
Rev F
PRELIMINARY
23
CPC5750
6. IOM-2 (GCI) Interface
IOM-2 is a superset specification that includes the General Circuit Interface (GCI), the line card portion of the
specification. The CPC5750 implements the GCI part of this bus as specified in the Advanced Micro Devices
document, IOM-2 Interface Reference Guide.
The GCI bus has an 8kHz frame sync pulse that indicates the start of each frame. Each frame consists of 8 sub-frame
locations with 4 bytes per sub-frame. The CPC5750 can be configured to transmit and receive on any of these
sub-frames. The selection of which sub-frame to use is done with the three pins; SCLK, SDO and SFSEL. The SPI
pins SCLK and SDO are utilized since the SPI bus is not used when in the GCI Mode. The logical value of these three
inputs when reset is complete sets the sub-frame assignment. Sub-Frame assignments are shown in logic table
below.
Table 4:
GCI Mode Sub-Frame Selection
The 4 bytes within each sub-frame are considered communication channels. The 32 bits of the sub-frame are
designated for specific use by the standard. Each sub-frame can support a pair of codecs, one each for channels B1
& B2. Although the CPC5750 uses the entire sub-frame, only B1 is used.
(32 bits per sub-frame) x (8 sub-frames) x (8kHz frame rate) x (2 clocks per bit) = 4.096MHz clock. There is also a
mode that uses 1 clock per bit for a 2.048MHz clock rate.
Figure 7: GCI Sub-Frame Makeup
B1:
Channel slot used to transmit and receive audio data by CPC5750
M:
Channel used to read and write CPC5750 control registers
SC:
Channel used to control CPC5750 register access
SCLK
SDO
SFSEL
Sub-Frame
LL
L0
LL
H1
LH
L2
LH
H3
HL
L4
HL
H5
HH
L6
HH
H7
FSYNC
125
µs
SF0
SF1
SF2
SF3
SF4
SF5
SF6
SF7
Sub-Frame
61
1
8
0
B1
8
1
B2
8
2
M
C/I
MR MX
Channel
SC Channel
Time-Multiplexed GCI Frame Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com