Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5750 Datasheet(PDF) 14 Page - IXYS Corporation

Part # CPC5750
Description  Single-Channel Voice Band CODEC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5750 Datasheet(HTML) 14 Page - IXYS Corporation

Back Button CPC5750 Datasheet HTML 10Page - IXYS Corporation CPC5750 Datasheet HTML 11Page - IXYS Corporation CPC5750 Datasheet HTML 12Page - IXYS Corporation CPC5750 Datasheet HTML 13Page - IXYS Corporation CPC5750 Datasheet HTML 14Page - IXYS Corporation CPC5750 Datasheet HTML 15Page - IXYS Corporation CPC5750 Datasheet HTML 16Page - IXYS Corporation CPC5750 Datasheet HTML 17Page - IXYS Corporation CPC5750 Datasheet HTML 18Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
PRELIMINARY
INTEGRATED CIRCUITS DIVISION
14
PRELIMINARY
Rev F
CPC5750
2.8 PCM Interface DTX Time Slot Assignment Register
The lower seven bits of this register determine which of the available 8-bit time slots the CPC5750 uses to transmit
data when in the PCM Mode.
2.9 PCM Interface DTX Bit Delay Register
The lower three bits of this register delay the transmit data in the selected time slot by 0 to 7 bits.
2.10 Reserved Register
The Reserved register is not user defined and it’s value should not be modified. The default power up and reset value
of this register is 0 and must not be changed.
2.11 GPIO Control Register
The CPC5750 has four General Purpose I/O pins that can be programmed as inputs or outputs and whose values
can be examined or controlled by the user. This register allows for control and monitoring of external digital nets using
these I/O pins.
2.11.1 DIR(x) (bits [3:0])
Setting a DIR(x) bit to 1, configures the corresponding CPC5750 I/O pin as an output. When the DIR(x) bits are
cleared, i.e. DIR(x) = 0, the corresponding I/O pin will be configured as an input. Following a Power Up or Reset
the CPC5750 configures all four I/O pins as inputs thereby eliminating any possibility of an I/O pin back driving
another output.
2.11.2 D(x) (bits [3:0])
When an I/O is configured as an input, then reading the corresponding D(x) bit of this register gives the logical
state of that input pin. Writing to the D(x) bits of inputs performs no function while writing to the D(x) bit of an I/O
configured as an output determines the state of that output pin. Reading this register returns the current value of
the bits. For an I/O pin configured as an output, reading this register returns the last value written to it’s D(x) bit.
Register
7
6
5
4
3
2
1
0
Address
PCM DTX Channel
-
PTC(6)
PTC(5)
PTC(4)
PTC(3)
PTC(2)
PTC(1)
PTC(0)
0x7
Default Value
0
0000000
-
Register
7
6
5
4
3
2
1
0
Address
PCM DTX Bit
-
----
PTB(2)
PTB1)
PTB(0)
0x8
Default Value
0
0000000
-
Register
7
6
5
4
3
2
1
0
Address
Reserved
0
0000000
0x9
Register
7
6
5
4
3
2
1
0
Address
GPIO Control
DIR(3)
DIR(2)
DIR(1)
DIR(0)
D(3)
D(2)
D(1)
D(0)
0xA
Default Value
0
0000000
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com