| Electronic Components Datasheet Search |
|
ADF4155BCPZ Datasheet(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4155BCPZ Datasheet(HTML) 13 Page - Analog Devices |
|
13 / 32 page ![]() Data Sheet ADF4155 INT N Mode If FRAC1 and FRAC2 = 0, the synthesizer operates in integer-N mode. R Counter The 10-bit R counter allows the input reference frequency, REFIN, to be divided down to produce the reference clock to the PFD. Division ratios from 1 to 1023 are allowed. PHASE FREQUENCY DETECTOR AND CHARGE PUMP The phase frequency detector takes inputs from the R counter and N counter and produces an output proportional to the phase and frequency difference between them. Figure 19 is a simplified schematic of the phase frequency detector. The PFD includes a fixed delay element that sets the width of the antibacklash pulse (ABP), which is typically 2.6 ns. This pulse ensures that there is no dead zone in the PFD transfer function and provides a consistent reference spur level. Figure 19. PFD Simplified Schematic MUXOUT AND LOCK DETECT The output multiplexer on the ADF4155 allows the user to access various internal points on the chip. The state of MUXOUT is controlled by the M3, M2, and M1 bits in Register 4 (for further details, see Figure 28). Figure 20 shows the MUXOUT section in block diagram form. Figure 20. MUXOUT Schematic INPUT SHIFT REGISTERS Data is clocked into the 32-bit shift register on each rising edge of CLK. The data is clocked in MSB first. Data is transferred from the shift register to one of the nine latches on the rising edge of LE. The destination latch is determined by the state of the four control bits (C4, C3, C2, and C1) in the shift register. These are the four LSBs: DB3, DB2, DB1, and DB0, as shown in Figure 2. The truth table for these bits is shown in Table 5. Figure 22 and Figure 23 summarize how the latches are programmed. Table 5. Truth Table for the C4, C3, C2, and C1 Control Bits Control Bits C4 C3 C2 C1 Register 0 0 0 0 Register 0 (R0) 0 0 0 1 Register 1 (R1) 0 0 1 0 Register 2 (R2) 0 0 1 1 Register 3 (R3) 0 1 0 0 Register 4 (R4) 0 1 0 1 Register 5 (R5) 0 1 1 0 Register 6 (R6) 0 1 1 1 Register 7 (R7) 1 0 0 0 Register 8 (R8) PROGRAM MODES Table 5 and Figure 24 through Figure 32 show how the program modes must be set up in the ADF4155. The following ADF4155 settings are double buffered: the fractional value (FRAC1/FRAC2), the modulus value (MOD2), the reference doubler, the reference divide by 2 (RDIV2), the R counter value, the charge pump current setting, and the R divider select. This means that two events must occur before the device can use a new value for any of the double buffered settings. First, the new value must be latched into the device by writing to the appropriate register. Second, a new write must be performed on Register R0. For example, any time that the modulus value is updated, Register 0 (R0) must be written to, to ensure that the modulus value is loaded correctly. D1 Q1 U1 DELAY CHARGE PUMP CLR1 HIGH UP +IN D2 Q2 U2 HIGH DOWN –IN U3 CP DGND DVDD CONTROL MUX MUXOUT ANALOG LOCK DETECT DIGITAL LOCK DETECT R COUNTER OUTPUT N COUNTER OUTPUT DGND RESERVED THREE-STATE OUTPUT DVDD Rev. 0 | Page 13 of 32 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |