Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4155BCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADF4155BCPZ
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155BCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF4155BCPZ Datasheet HTML 14Page - Analog Devices ADF4155BCPZ Datasheet HTML 15Page - Analog Devices ADF4155BCPZ Datasheet HTML 16Page - Analog Devices ADF4155BCPZ Datasheet HTML 17Page - Analog Devices ADF4155BCPZ Datasheet HTML 18Page - Analog Devices ADF4155BCPZ Datasheet HTML 19Page - Analog Devices ADF4155BCPZ Datasheet HTML 20Page - Analog Devices ADF4155BCPZ Datasheet HTML 21Page - Analog Devices ADF4155BCPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADF4155
Data Sheet
REGISTER 1
Register 1 Control Bits
With Bits[C4:C1] set to 0001, Register 1 is programmed. Figure 25
shows the input data format for programming this register.
24-Bit Main Fractional Value (FRAC1)
The 24 FRAC1 bits [DB27:DB4] together with FRAC2 and
MOD2 set the numerator of the fraction that is input to the Σ-Δ
modulator. This fraction, along with the INT value, specifies the
new frequency channel that the synthesizer locks to, as shown
in the RF Synthesizer—A Worked Example section. FRAC1
values from 0 to (224 − 1) cover channels over a frequency range
equal to the PFD reference frequency.
Figure 25. Register 1 (R1)
F24
F23
..........
F2
F1
MAIN FRACTIONAL VALUE (FRAC1)
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
16777212
1
1
..........
0
1
16777213
1
1
..........
1
0
16777214
1
1
.........
1
1
16777215
1 DBR = DOUBLE BUFFERED REGISTER—BUFFERED BY THE WRITE TO REGISTER 0.
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
F24
F23
F22
F21
RESERVED
24-BIT MAIN FRACTIONAL VALUE (FRAC1)
CONTROL BITS
F20
F19
F18
F17
F16
F15
F14
F13
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
C3(0) C2(0) C1(1)
C4(0)
0
0
0
DBR 1
Rev. 0 | Page 18 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com