Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4155BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADF4155BCPZ
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF4155BCPZ Datasheet HTML 18Page - Analog Devices ADF4155BCPZ Datasheet HTML 19Page - Analog Devices ADF4155BCPZ Datasheet HTML 20Page - Analog Devices ADF4155BCPZ Datasheet HTML 21Page - Analog Devices ADF4155BCPZ Datasheet HTML 22Page - Analog Devices ADF4155BCPZ Datasheet HTML 23Page - Analog Devices ADF4155BCPZ Datasheet HTML 24Page - Analog Devices ADF4155BCPZ Datasheet HTML 25Page - Analog Devices ADF4155BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADF4155
Data Sheet
REGISTER 5
Register 5 Control Bits
With Bits[C4:C1] set to 0101, Register 5 is programmed. Figure 29
shows the input data format for programming this register.
Pulse Bleed Delay
In some cases, pulsed bleed (DB25) can improve spurious
performance compared to constant negative bleed. If enabling
pulsed bleed, disable the constant negative bleed bit (Register 6,
Bit DB12). Pulsed bleed works by adding a programmable delay
to the charge pump down pulse, thereby introducing a phase
offset in the loop and improving the linearity of the charge
pump. The advantage over the constant negative bleed is that
the programmable delay is only on for a short time within one
PFD period compared to the constant negative bleed which is
constantly on. This pulsed bleed can improve the spurious
performance. The downside of a pulsed bleed is that there is less
resolution to program the amount of bleed compared to the
constant negative bleed.
The pulsed bleed delay is programmed using Bits[DB27:DB26].
Selecting the pulsed bleed delay so that the phase offset is
<90 degrees is recommended.
PHASE_OFFSET DEGREES =
(PULSED_BLEED_DELAY × fPFD) × 360
Pulse bleed on the ADF4155 can be activated by setting
Bit DB25 to 1 (see Figure 29).
Antibacklash Pulse (ABP) Select
Set DB23 to 0 to select the pulsed bleed delay, Bits[DB27:DB26]
as the antibacklash pulse width. The recommended default
setting is pulse bleed delay (2.6 ns). The pulse bleed delay bits
(DB27:DB26) function as the antibacklash pulse width
irrespective of whether the pulse bleed is enabled or disabled.
Set DB23 to 1 to use a narrow antibacklash pulse width of
1.6 ns. For PFD frequencies greater than 80 MHz, it is
recommended to use the 1.6 ns pulse width.
Cycle Slip Reduction (CSR)
Setting DB19 to 1 enables cycle slip reduction. When using
cycle slip reduction, the signal at the PFD must have a 50% duty
cycle for the cycle slip reduction to work. The charge pump
current setting must also be set to a minimum. Refer to the
Cycle Slip Reduction for Faster Lock Times section for more
information.
Figure 29. Register 5 (R5)
CSR
CYCLE SLI P
REDUCTION
0
DISABLED
1
ENABLED
PB
PULSE BLEED
0
DISABLED
1
ENABLED
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
PB2
PB1
0
PB
0
RESERVED
CONTROL BITS
ABP
0
0
0
CSR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
C3(1) C2(0) C1(1)
C4(0)
0
0
0
RESERVED
RESERVED
ABP
ANTIBACKLASH PULSE
WIDTH SELECT
0
PULSE BLEED DEL AY
1
1.6ns
PB1
PULSE BLEED
DELAY
PB2
0
0
1
1
0
1
0
1
2.6ns
3.6ns
4.8ns
6.0ns
Rev. 0 | Page 22 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com