Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4155BCPZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADF4155BCPZ
Description  Integer-N/Fractional-N PLL Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4155BCPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF4155BCPZ Datasheet HTML 19Page - Analog Devices ADF4155BCPZ Datasheet HTML 20Page - Analog Devices ADF4155BCPZ Datasheet HTML 21Page - Analog Devices ADF4155BCPZ Datasheet HTML 22Page - Analog Devices ADF4155BCPZ Datasheet HTML 23Page - Analog Devices ADF4155BCPZ Datasheet HTML 24Page - Analog Devices ADF4155BCPZ Datasheet HTML 25Page - Analog Devices ADF4155BCPZ Datasheet HTML 26Page - Analog Devices ADF4155BCPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADF4155
REGISTER 6
Register 6 Control Bits
With Bits[C4:C1] set to 0110, Register 6 is programmed. Figure 30
shows the input data format for programming this register.
Reference Input (REFIN) Mode
When DB30 is set to 1, differential mode is used on the
reference input. When this bit is set to 0, single-ended mode is
used on the reference input.
RF Divider Select
Bits[DB23:DB21] select the value of the RF output divider (see
Figure 30).
Bleed Current Settings
Enabling the constant negative bleed (DB12) is the recommended
default mode to optimize the PLL in-band phase noise and spur
performance. Constant negative bleed works by adding a constant
offset to the charge pump and, therefore, improves its linearity.
Bits[DB20:DB13] and DB12 are used to control the amount of
constant negative bleed current.
Bits[DB20:DB13] set the value of this bleed current with a
resolution of 3.75 µA. The correct value of bleed current (IBLEED)
depends on the programmed charge pump current (ICP) and the
N counter value and must be calculated with following formula:
IBLEED = 6 × ICP/N
The closest higher value must be chosen with the bleed current
setting bits.
Constant Negative Bleed Current
When set to 1, Bit DB12 enables the constant negative bleed
current. When set to 0, it disables the constant negative bleed
current.
Mute Till Lock Detect (MTLD)
When DB11 is set to 1, the supply current to the RF output stage
is shut down until the device achieves lock, as measured by the
digital lock detect circuitry.
RF Output Enable
The DB6 bit enables or disables the RF output. If DB5 is set to 0,
the RF output is disabled. If DB5 is set to 1, the RF output is
enabled.
Output Power
Bits[DB5:DB4] set the value of the RF output power level (see
Figure 30).
Figure 30. Register 6 (R6)
D2
D1
OUTPUT POWER
0
0
–4dBm
0
1
–1dBm
1
0
+2dBm
1
1
+5dBm
D12
D11
RF DIVIDER
SELECT
0
0
÷1
0
0
÷2
0
1
÷4
0
1
÷8
D10
0
1
0
1
1
1
1
0
0
1
÷16
÷32
÷64
0
1
0
OUTPUT
POWER
RF
DIVIDER
SELECT
DB31
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13
DB12
DB11 DB10
DB9
DB8 DB7 DB6
DB5
DB4
DB3
DB2
DB1
DB0
CONTROL BITS
D12
D11
D10
BL8
BL7
BL6
BL5
BL4
BL3
BL2
BL1
BLE
D8
0
0
0
0
D3
D2
D1
C3(1) C2(1) C1(0)
C4(0)
1
BLEED CURRENT SETTINGS
DBB 1
1DBB = DOUBLE BUFFERED BITS—BUFFERED BY THE WRITE TO REGISTER 0 IF, AND ONLY IF, DB14 OF REGISTER 4 IS HIGH.
D8
MUTE TILL
LOCK DETECT
0
MUTE DISABLED
1
MUTE ENABLED
D3
RF OUTPUT
ENABLE
0
DISABLED
1
ENABLED
RM1
REFERENCE
INPUT MODE
0
SINGLE-ENDED
1
DIFFERENTIAL
RESERVED
BL8
BL7
..........
..........
..........
..........
..........
..........
..........
..........
..........
..........
BL2
BL1
BLEED CURRENT SETTINGS
0
0
0
0
0 × 3.75µA = 0µA
0
0
0
1
1 × 3.75µA = 3.75µA
0
0
1
0
2 × 3.75µA = 7.50µA
0
0
1
1
3 × 3.75µA = 11.25µA
.
.
.
.
.
.
.
.
.
.
1
1
0
1
253 × 3.75µA = 948.75µA
1
1
1
0
254 × 3.75µA = 952.50µA
1
1
1
1
255 × 3.75µA = 956.25µA
BLE
CONSTANT NEGATIVE
BLEED CURRENT ENABLE
0
DISABLED
1
ENABLED
DB30 DB29 DB28 DB27 DB26 DB25 DB24
0
0
1
1
1
1
RM1
RESERVED
Rev. 0 | Page 23 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com