Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6948 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 4 Page - Analog Devices

  LTC6948 Datasheet HTML 1Page - Analog Devices LTC6948 Datasheet HTML 2Page - Analog Devices LTC6948 Datasheet HTML 3Page - Analog Devices LTC6948 Datasheet HTML 4Page - Analog Devices LTC6948 Datasheet HTML 5Page - Analog Devices LTC6948 Datasheet HTML 6Page - Analog Devices LTC6948 Datasheet HTML 7Page - Analog Devices LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LTC6948
4
6948fa
For more information www.linear.com/LTC6948
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCLMP-LO
Low Clamp Voltage
CPCLO = 1
0.84
V
VCLMP-HI
High Clamp Voltage
CPCHI = 1, Referred to VCP+
–0.96
V
VMID
Mid-Supply Output Bias Ratio
Referred to (VCP+ – GND)
0.48
V/V
Reference (R) Divider
R
Divide Range
All Integers Included
l
1
31
Counts
VCO (N) Divider
N
Divide Range
All Integers Included, Integer Mode
All Integers Included, Fractional Mode
l
l
32
35
1023
1019
Counts
Counts
Fractional ∆∑ Modulator
Numerator Range
All Integers Included
l
1
262143
Counts
Modulator LDO
Output Voltage
LDO Enabled, Four Values
LDO Disabled
1.7 to 2.6
VD+
V
V
External Pin Capacitance
Required for LDO Stability
l
0.047
0.1
1
µF
Digital Pin Specifications
VIH
High Level Input Voltage
MUTE, CS, SDI, SCLK
l
1.55
V
VIL
Low Level Input Voltage
MUTE, CS, SDI, SCLK
l
0.8
V
VIHYS
Input Voltage Hysteresis
MUTE, CS, SDI, SCLK
250
mV
Input Current
MUTE, CS, SDI, SCLK
l
±1
µA
IOH
High Level Output Current
SDO and STAT, VOH = VD+ – 400mV
l
–3.3
–1.9
mA
IOL
Low Level Output Current
SDO and STAT, VOL = 400mV
l
2.0
3.4
mA
SDO Hi-Z Current
l
±1
µA
Digital Timing Specifications (See Figure 6 and Figure 7)
tCKH
SCLK High Time
l
25
ns
tCKL
SCLK Low Time
l
25
ns
tCSS
CS Setup Time
l
10
ns
tCSH
CS High Time
l
10
ns
tCS
SDI to SCLK Setup Time
l
6
ns
tCH
SDI to SCLK Hold Time
l
6
ns
tDO
SCLK to SDO Time
To VIH/VIL/Hi-Z with 30pF Load
l
16
ns
Power Supply Voltages
VREF+ Supply Range
l
3.15
3.3
3.45
V
VD+ Supply Range
l
3.15
3.3
3.45
V
VRF+ Supply Range
l
3.15
3.3
3.45
V
VVCO+ Supply Range
l
4.75
5.0
5.25
V
VCP+ Supply Range
l
4.0
5.25
V
Power Supply Currents
IDD
VD+ Supply Current
Digital Inputs at Supply Levels, Integer Mode
Digital Inputs at Supply Levels, Fractional
Mode, fPFD = 66.3MHz, LDOV[1:0] = 3
l
l
18.2
1500
22
µA
mA
ICC(5V)
Sum VCP+, VVCO+ Supply Currents
ICP = 11.2mA
ICP = 1.0mA
PDALL = 1
l
l
l
48
26
450
60
35
1000
mA
mA
µA
The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VREF+ = VD+ = VRF+ = 3.3V, VCP+ = VVCO+ = 5V unless otherwise
specified (Note 2). All voltages are with respect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com