Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6948 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 2 Page - Analog Devices

  LTC6948 Datasheet HTML 1Page - Analog Devices LTC6948 Datasheet HTML 2Page - Analog Devices LTC6948 Datasheet HTML 3Page - Analog Devices LTC6948 Datasheet HTML 4Page - Analog Devices LTC6948 Datasheet HTML 5Page - Analog Devices LTC6948 Datasheet HTML 6Page - Analog Devices LTC6948 Datasheet HTML 7Page - Analog Devices LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTC6948
2
6948fa
For more information www.linear.com/LTC6948
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltages
V+ (VREF+, VRF+, VD+) to GND...............................3.6V
VCP+, VVCO+ to GND.............................................5.5V
Voltage on CP Pin .................GND – 0.3V to VCP+ + 0.3V
Voltage on all other Pins ...........GND – 0.3V to V+ + 0.3V
Operating Junction Temperature Range, TJ (Note 2)
LTC6948I ........................................... –40°C to 105°C
Junction Temperature, TJMAX................................ 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
9 10
TOP VIEW
29
GND
UFD PACKAGE
28-LEAD (4mm
× 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
REF+
STAT
CS
SCLK
SDI
SDO
LDO
VD+
BVCO
GND
CMA
CMB
CMC
GND
TB
TUNE
7
17
18
19
20
21
22
16
8
15
TJMAX = 125°C, θJCbottom = 7°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
available opTions
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
JUNCTION TEMPERATURE RANGE
LTC6948IUFD-1#PBF
LTC6948IUFD-1#TRPBF
69481
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 105°C
LTC6948IUFD-2#PBF
LTC6948IUFD-2#TRPBF
69482
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 105°C
LTC6948IUFD-3#PBF
LTC6948IUFD-3#TRPBF
69483
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 105°C
LTC6948IUFD-4#PBF
LTC6948IUFD-4#TRPBF
69484
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 105°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VCO FREQUENCY
RANGE (GHz)
PACKAGE STYLE
OUTPUT FREQUENCY RANGE vs OUTPUT DIVIDER SETTING (GHz)
QFN-28 (UFD28)
0 DIV = 6
0 DIV = 5
0 DIV = 4
0 DIV = 3
0 DIV = 2
0 DIV = 1
2.240 to 3.740
LTC6948IUFD-1
0.373 to 0.623
0.448 to 0.748
0.560 to 0.935
0.747 to 1.247
1.120 to 1.870
2.240 to 3.740
3.080 to 4.910
LTC6948IUFD-2
0.513 to 0.818
0.616 to 0.982
0.770 to 1.228
1.027 to 1.637
1.540 to 2.455
3.080 to 4.910
3.840 to 5.790
LTC6948IUFD-3
0.640 to 0.965
0.768 to 1.158
0.960 to 1.448
1.280 to 1.930
1.920 to 2.895
3.840 to 5.790
4.200 to 6.390
LTC6948IUFD-4
0.700 to 1.065
0.840 to 1.278
1.050 to 1.598
1.400 to 2.130
2.100 to 3.195
4.200 to 6.390
Overlapping Frequency Bands
http://www.linear.com/product/LTC6948#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com