Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6948 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC6948
Description  Fractional-N Synthesizer Integrated VCO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 3 Page - Analog Devices

  LTC6948 Datasheet HTML 1Page - Analog Devices LTC6948 Datasheet HTML 2Page - Analog Devices LTC6948 Datasheet HTML 3Page - Analog Devices LTC6948 Datasheet HTML 4Page - Analog Devices LTC6948 Datasheet HTML 5Page - Analog Devices LTC6948 Datasheet HTML 6Page - Analog Devices LTC6948 Datasheet HTML 7Page - Analog Devices LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LTC6948
3
6948fa
For more information www.linear.com/LTC6948
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Inputs (REF+, REF–)
fREF
Input Frequency
l
10
425
MHz
VREF
Input Signal Level
Single-Ended, 1µF AC-Coupling Capacitors
l
0.5
2
2.7
VP-P
Input Slew Rate
l
20
V/µs
Input Duty Cycle
50
%
Self-Bias Voltage
l
1.65
1.85
2.25
V
Input Resistance
Differential
l
5.8
8.4
11.6
kΩ
Input Capacitance
Differential
14
pF
VCO
fVCO
Frequency Range
LTC6948-1 (Note 3)
LTC6948-2 (Note 3)
LTC6948-3 (Note 3)
LTC6948-4 (Note 3)
l
l
l
l
2.24
3.08
3.84
4.20
3.74
4.91
5.79
6.39
GHz
GHz
GHz
GHz
KVCO
Tuning Sensitivity
LTC6948-1 (Notes 3, 4)
LTC6948-2 (Notes 3, 4)
LTC6948-3 (Notes 3, 4)
LTC6948-4 (Notes 3, 4)
l
l
l
l
4.7 to 7.2
4.7 to 7.0
4.0 to 6.0
4.5 to 6.5
%Hz/V
%Hz/V
%Hz/V
%Hz/V
RF Output (RF+, RF–)
fRF
Output Frequency
l
0.373
6.39
GHz
O
Output Divider Range
All Integers Included
l
1
6
Output Duty Cycle
50
%
Output Resistance
Single-Ended, Each Output to VRF+
l
100
136
175
Ω
PRF-SE
Output Power, Single-Ended, fRF = 900MHz RFO[1:0] = 0, RZ = 50Ω, LC Match
RFO[1:0] = 1, RZ = 50Ω, LC Match
RFO[1:0] = 2, RZ = 50Ω, LC Match
RFO[1:0] = 3, RZ = 50Ω, LC Match
l
l
l
l
–9
–6.1
–2.9
0.1
–7.3
–4.5
–1.4
1.5
–5.5
–2.8
0.2
3
dBm
dBm
dBm
dBm
Output Power, Muted, fRF = 900MHz
RZ = 50Ω, Single-Ended, O = 2 to 6
l
–80
dBm
Mute Enable Time
l
110
ns
Mute Disable Time
l
170
ns
Phase/Frequency Detector
fPFD
Input Frequency
Integer mode
Fractional mode
LDOEN = 0
LDOV = 3, LDOEN = 1
LDOV = 2, LDOEN = 1
LDOV = 1, LDOEN = 1
LDOV = 0, LDOEN = 1
l
l
l
l
l
l
100
76.1
66.3
56.1
45.9
34.3
MHz
MHz
MHz
MHz
MHz
MHz
Charge Pump
ICP
Output Current Range
8 Settings (See Table 6)
1
11.2
mA
Output Current Source/Sink Accuracy
All Settings, V(CP) = VCP+/2
±6
%
Output Current Source/Sink Matching
ICP = 1.0mA to 2.8mA, V(CP) = VCP+/2
ICP = 4.0mA to 11.2mA, V(CP) = VCP+/2
±3.5
±2
%
%
Output Current vs Output Voltage Sensitivity (Note 5)
l
0.2
1
%/V
Output Current vs Temperature
V(CP) = VCP+/2
l
170
ppm/°C
Output Hi-Z Leakage Current
ICP = 11.2mA, CPCLO = CPCHI = 0 (Note 5)
0.03
nA
The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VREF+ = VD+ = VRF+ = 3.3V, VCP+ = VVCO+ = 5V unless otherwise
specified (Note 2). All voltages are with respect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com