Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NET2890 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 14Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 15Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 16Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 17Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 18Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 19Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 20Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 21Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
18
4.3 Automatic Retries
4.3.1 Out Transactions
If an error occurs during an OUT transaction, the NET2890 reloads its local side FIFO read pointer back to
the beginning of the failed packet. The host then sends another OUT token and re-transmits the packet.
Once the packet has been successfully received by the NET2890, the Packet Received interrupt is set. The
NET2890 can handle any number of back-to-back retries, but the host determines how many times a packet
is retried. Windows 98 currently performs three retries before giving up on the device.
4.3.2 In Transactions
If an error occurs during an IN transaction, the NET2890 reloads its USB side FIFO read pointer back to
the beginning of the failed packet. The host then sends another IN token and the NET2890 re-transmits the
packet. Once the packet has been successfully received by the host, the Packet Transmitted interrupt is set.
If additional data is written to the FIFO after the failed packet, and the failed packet was less than the
maximum packet size, then the re-transmitted packet may be larger than the failed packet.
4.4 Packet Lengths
The maximum packet length of an endpoint is determined by the corresponding ‘Max Packet Size’ register.
For IN transactions, the NET2890 will return a maximum size packet to the host if there are at least ‘max
packet’ bytes in the FIFO. A packet of size less than ‘Max Packet Size’ is returned to the host in response
to an IN token if either of the following are true
•
FIFO Valid Mode (FIFOCTL[6]) and FIFO Valid (FIFOSTAT[7]) are both true
•
FIFO Valid Mode (FIFOCTL[6]) is false
4.5 USB Endpoints
The NET2890 supports Control, Isochronous, Bulk, and Interrupt endpoints. All endpoints are
unidirectional except for Control endpoints. Bi-directional bulk, isochronous, or interrupt traffic requires
two endpoints.
4.5.1 Control Endpoint - Endpoint 0
The control endpoint, Endpoint 0, is a reserved endpoint. The host uses this endpoint to configure and gain
information about the device, its configurations, interfaces and other endpoints. Control endpoints are bi-
directional, and data delivery is guaranteed.
The host sends 8-byte setup packets to Endpoint 0 to which the device interprets and responds. The
NET2890 has a set of registers dedicated to storing the setup packet, as well as a dedicated 16-byte bi-
directional FIFO for Control data. For Control writes, data flows through the FIFO from the USB bus to
the local bus. For Control reads, data flows through the FIFO from the local bus to the USB bus.
When Endpoint 0 detects a setup packet, the NET2890 sets status bits and interrupts the local CPU. The
CPU reads the setup packet from NET2890 registers, and responds based on the contents. Any data
returned to the host, including status and descriptors, is provided by the local CPU. Refer to the Chapter 6,
Standard Device Requests, for a description of the data which must be returned for each USB request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com