Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NET2890 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 21Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 22Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 23Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 24Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 25Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 26Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 27Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 28Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
25
4.5.4 Bulk Endpoints
Bulk endpoints are used for guaranteed error-free delivery of large amounts of data between a host and
device. Bulk endpoints are unidirectional, with the direction defined by the endpoint configuration registers.
4.5.4.1 Bulk Out Transactions
Bulk Out endpoints are used to transfer data from a USB host to the NET2890 local bus. A bulk write
transaction to a Bulk Out endpoint consists of the following:
Stage
Packet Contents
# of
bytes
Source
OUT Token
OUT PID, address, endpoint, and CRC5
3
Host
Data (1/0)
DATA PID, N data bytes, and CRC16
N+3
Host
Status
ACK, NAK, or STALL
1
NET2890
The USB host initiates a Bulk OUT transaction by sending an OUT token to a Bulk OUT endpoint. The
Data OUT Token Interrupt status bit is set when the OUT token is recognized. If this interrupt is
enabled, the local interrupt IRQ# pin is asserted. The bytes corresponding to the Data stage are stored into
the endpoint’s FIFO. If the FIFO is full when another byte is transferred from the host, the byte will be
discarded and the USB OUT NAK Sent status bit will be set. At the completion of the packet, a NAK
handshake will be returned to the host, indicating that the packet could not be accepted.
All USB data passes through the endpoint’s FIFO to the local bus. The local CPU can poll the FIFO
Empty status bit or the FIFOCNT register to determine when valid data is available. Also, the endpoint
FIFO Almost Full Threshold Register can be programmed to generate an interrupt when a selected
number of bytes have been received. If the local CPU knows that an incoming packet will fit entirely into
the FIFO, it can wait until Data Packet Received Interrupt occurs before reading the data from the FIFO.
The local CPU can use the following methods to read the OUT data from the endpoint’s FIFO:
•
Poll the FIFO Empty status bit to determine when a valid data is available.
•
Poll the Data Packet Received Interrupt status bit, or enable it to generate a local interrupt. The
Maximum Packet Size must be less than the FIFO size.
•
Poll the FIFO Almost Full Interrupt status bit, or enable it to generate a local interrupt.
After each transaction, the local CPU should check the USB OUT ACK Sent, USB OUT NAK Sent, and
Timeout status bits to determine if the packet was successfully received.
•
If a packet is not successfully received (USB OUT NAK Sent or Timeout status bits set) and retries
are disabled, the Data Packet Received Interrupt status bit will be set. The packet data which is in
the FIFO or has already been read by the CPU should be discarded. The host will resend the same
packet again.
•
If a packet is not successfully received (USB OUT NAK Sent or Timeout status bits set) and retries
are enabled, the Data Packet Received Interrupt status bit will not be set, and the data will be
automatically flushed from the FIFO. The host will resend the same packet again. This process is
transparent to the local CPU.
•
If the local CPU has stalled this endpoint by setting the Endpoint Stall bit, the NET2890 will not store
any data into the FIFO, and will respond with a STALL acknowledge to the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com