Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NET2890 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 23Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 24Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 25Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 26Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 27Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 28Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 29Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 30Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
27
4.5.5 Interrupt Endpoints
Interrupt endpoints are used for returning small amounts of status information to the host with a bounded
service period. The USB Specification Version 1.0 only defines interrupt endpoint data transfers from the
device to the host (IN endpoints). In the NET2890, both directions of interrupt data transfers are supported.
4.5.5.1 Interrupt Out Transactions
Interrupt Out endpoints are used to transfer data from a USB host to the NET2890 local bus. An interrupt
OUT transaction to an Interrupt OUT endpoint consists of the following:
Stage
Packet Contents
# of
bytes
Source
OUT Token
OUT PID, address, endpoint, and CRC5
3
Host
Data (1/0)
DATA PID, N data bytes, and CRC16
N+3
Host
Status
ACK, NAK, or STALL
1
NET2890
The behavior of an Interrupt OUT endpoint is the same as a Bulk OUT endpoint, except for the toggle bit.
If the Interrupt Mode bit is cleared, the toggle bit of the Interrupt OUT endpoint is initialized to 0
(DATA0 PID), and behaves the same as a Bulk OUT endpoint. If the Interrupt Mode bit is set, the toggle
bit of the Interrupt OUT endpoint changes after each data packet is received from the host, without regard
to the Status stage.
Note: Interrupt write transactions are not supported in the Rev 1.0 USB Specification.
4.5.5.2 Interrupt In Endpoints
An Interrupt IN endpoint is polled at a rate which is specified in the endpoint descriptor. An interrupt
transaction from an Interrupt IN endpoint consists of the following:
Stage
Packet Contents
# of
bytes
Source
IN Token
IN PID, address, endpoint, and CRC5
3
Host
Data (1/0)
DATA PID, N data bytes, and CRC16
N+3
NET2890
Status
ACK
1
Host
The behavior of an Interrupt IN endpoint is the same as a Bulk IN endpoint, except for the toggle bit. If the
Interrupt Mode bit is cleared, the toggle bit of the Interrupt IN endpoint is initialized to 0 (DATA0 PID),
and behaves the same as a Bulk IN endpoint. An interrupt endpoint may be used to communicate rate
feedback information for certain types of isochronous functions. To support this mode, the Interrupt
Mode bit is set, and the toggle bit of the Interrupt IN endpoint changes after each data packet is sent to the
host, without regard to the Status stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com