Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NET2890 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 6Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 7Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 8Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 9Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 10Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 11Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 12Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 13Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
10
NET2888/NET2890 Differences
The NET2890 was derived from the NET2888. Following is a list of differences between the devices.
1.4.1 Pin Changes
•
Pin 2 becomes SOF# output
•
ISO# (pin 29) becomes No-Connect
1.4.2 Register Changes
•
Completely re-defined register set.
1.4.3 Functional Changes
•
The USB protocol, including Endpoint 0, is now managed by the local CPU.
•
Endpoints are now configurable.
•
Automatic retry of failed packets.
1.5 Changes From Rev 1 to Rev 2
The following changes have been made to the NET2890 from Revision 1 to Revision 2.
1.5.1 Pin Changes
None.
1.5.2 Register Changes
MAPSEL
•
Renamed PAGESEL.
MAINCTL
•
Bits re-arranged to simplify software:
•
The “Bus-Powered” bit has inverted polarity to “Self-Powered”. See the description in Section
5, Registers.
•
Retry Enable added to bit 4.
DMACTL
•
Bits 2:0 select Endpoints 0,A-D instead of FIFO.
IRQSTAT1
•
Moved SOF interrupt to bit 7 (from old IRQSTAT3 bit 0).
•
Removed Interrupt Status 3 (bit 6).
IRQSTAT2
•
FIFO interrupts moved into EPIRQSTAT register.
•
New interrupt status bits incorporated.
IDXDATA2
•
Removed
MAPDATA1
•
Removed.
MAPDATA2
•
Removed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com