Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NET2890 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # NET2890
Description  USB Interface Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NET2890 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button NET2890 Datasheet HTML 15Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 16Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 17Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 18Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 19Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 20Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 21Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 22Page - List of Unclassifed Manufacturers NET2890 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
Specification
NET2890 USB Interface Controller
____________________________________________________________________________________
NetChip Technology, Inc., 1999
335 Pioneer Way, Mountain View, California 94041
TEL (650) 526-1490
FAX (650) 526-1494
http://www.netchip.com
Rev 2.0, Draft 9, July 16, 1999
19
4.5.1.1 Control Write Transfer
A successful control write transfer to Control Endpoint 0 consists of the following:
Transaction
Stage
Packet Contents
# of bytes
Source
Setup
Setup Token
SETUP PID, address, endpoint, and CRC5
3
Host
Data
DATA0 PID, 8 data bytes, and CRC16
11
Host
Status
ACK
1
NET2890
Data (zero, one
or more packets)
OUT Token
OUT PID, address, endpoint, and CRC5
3
Host
Data (1/0)
DATA PID, N data bytes, and CRC16
N+3
Host
Status
ACK
1
NET2890
Status
IN Token
IN PID, address, endpoint, and CRC5
3
Host
Data
DATA1 PID, zero length packet, and CRC16
3
NET2890
Status
ACK
1
Host
During the Setup transaction, the NET2890 stores the data stage packet in its Setup Registers. The
NET2890 returns an ACK handshake to the host after all 8 bytes have been received. A Setup Packet
Interrupt status bit is set to notify the local CPU that a setup packet has been received. The 8-byte data
packet is then read and interpreted by the local CPU. A Setup transaction cannot be stalled or NAKed, but if
the data is corrupted, then the NET2890 will not return an ACK to the host.
During the Data transaction, zero, one or more data packets are written into the Endpoint 0 FIFO. For each
packet:
•
Interrupt status bits are set and can interrupt the local CPU
•
The local CPU reads the FIFO
•
The NET2890 returns an ACK if no error has occurred.
For a successful Status transaction, the NET2890 returns a zero length data packet. A NAK or STALL can
be returned if an error occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com