Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXRFD631 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXRFD631
Description  IXZ318N50 MOSFET and IXRFD631 Gate Driver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD631 Datasheet(HTML) 2 Page - IXYS Corporation

  IXRFD631 Datasheet HTML 1Page - IXYS Corporation IXRFD631 Datasheet HTML 2Page - IXYS Corporation IXRFD631 Datasheet HTML 3Page - IXYS Corporation IXRFD631 Datasheet HTML 4Page - IXYS Corporation IXRFD631 Datasheet HTML 5Page - IXYS Corporation IXRFD631 Datasheet HTML 6Page - IXYS Corporation IXRFD631 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXZ631DF18N50
RF Power MOSFET & Driver
Device Specifications
Device Performance
Symbol
Test Condition
Minimum
Typical
Maximum
RDS(ON)
VCC = 15 V, ID = 0.5IDM25 A
Pulse t ≤ 300 µs,
Duty Cycle ≤ 2%
0.3 Ω
VCC
8 V
15 V
20 V
IN (Signal Input)
- 5 V
VCC + 0.3 V
VIH (High Input Voltage)
VCC = 15 V
3.5 V
3 V
VIL (Low Input Voltage)
2.8 V
0.8 V
VHYS (Input hysteresis)
0.23 V
ZIN
f = 1 MHz
930-j7960 Ω
Cstray
f = 1 MHz any one pin to the
back plane metal
46 pF
COSS
VIN (VGS) = 0 V, VDS = 0.8 VDSS(max)
f =1 MHz
172 pF
tONDLY
25 ns
TC = 25 °C
VCC = 15 V 1 µs pulse,
ID= 9 A
tOFFDLY
28 ns
tR
3.4 ns
tF
1.65 ns
Symbol
Test Conditions
Maximum Ratings
fMAX
ID = 0.5 IDM25 A
27 MHz
VDSS
500 V
VCC
20 V
VDS = 0.8 VDSS
TJ = 25°C
50 uA
IDSS
VGS = 0 V
TJ = 125°C
1 mA
IDM25
TC
= 25°C
18 A
IDM
TC = 25°C, pulse limited by TJM
95 A
IAR
TC = 25°C
18 A
PT (MOSFET and Driver)
TC
= 25°C
625 W
RthJC
0.2 °C/W
RthJHS
0.4 °C/W
Parameter
Value
Maximum junction temperature
150 °C
Operating temperature range
- 40 °C to 85 °C
Weight
5.5 g



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com