Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXRFD631 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXRFD631
Description  IXZ318N50 MOSFET and IXRFD631 Gate Driver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD631 Datasheet(HTML) 1 Page - IXYS Corporation

  IXRFD631 Datasheet HTML 1Page - IXYS Corporation IXRFD631 Datasheet HTML 2Page - IXYS Corporation IXRFD631 Datasheet HTML 3Page - IXYS Corporation IXRFD631 Datasheet HTML 4Page - IXYS Corporation IXRFD631 Datasheet HTML 5Page - IXYS Corporation IXRFD631 Datasheet HTML 6Page - IXYS Corporation IXRFD631 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IXZ631DF18N50
RF Power MOSFET & Driver
IXZ318N50 MOSFET and IXRFD631 Gate Driver Module
Figure 1
Functional diagram
Applications
• Class D or E switching generators
• Switch mode power supplies (SMPS)
• Pulse generators
• Transducer driver
Features
 Isolated substrate
High isolation voltage (>2500 V)
Excellent thermal transfer
Increased temperature and power cycling capability
 IXYS advanced Z-MOS process for low parasitic capacitance
 Low RDS(ON)
 Very low insertion inductance
 No Beryllium Oxide (BeO) or other hazardous materials
 Latch-up protected
 Low quiescent supply current
 RoHS compliant
Advantages
 Optimized for RF and high speed
 Easy to mount, no insulators needed
 High power density
 Single package reduces size and heat sink area
Description
The IXZ631DF18N50 is a CMOS high-speed, high-current gate driver and MOSFET combination module specifically
designed for Class D, E, HF, and RF applications at up to 27 MHz, as well as other applications. The IXZ631DF18N50
in pulse mode can provide 95 A of peak current while producing voltage rise and fall times of less than 5 ns, and
minimum pulse widths of 8 ns. The input of the driver is fully immune to latch-up over the entire operating range.
Designed with small internal delays, the IXZ631DF18N50 is suitable for higher power operation where combiners are
used. Its features and wide safety margin in operating voltage and power make the IXZ631DF18N50 unmatched in
performance and value.
The IXZ631DF18N50 is packaged in IXYSRF’s low-inductance RF package incorporating layout techniques to minimize
stray lead inductances for optimum switching performance. The IXZ631DF18N50 is a surface-mountable device.
500 V
18 A
0.3 Ω


Similar Part No. - IXRFD631

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXRFD631 IXYS-IXRFD631 Datasheet
209Kb / 8P
30 A Low-Side RF MOSFET Driver
More results

Similar Description - IXRFD631

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45B0C HOLTEK-HT45B0C Datasheet
114Kb / 10P
MOSFET Gate Driver
December 21, 2006
logo
Texas Instruments
EMB1412 TI-EMB1412_15 Datasheet
767Kb / 15P
MOSFET Gate Driver
logo
Cree, Inc
CGD15FB45P CREE-CGD15FB45P Datasheet
1Mb / 6P
Six Channel SiC MOSFET Driver Gate Driver for 1200V SiC MOSFET Power Module
logo
AiT Semiconductor Inc.
AG2101 AITSEMI-AG2101 Datasheet
585Kb / 8P
MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
AG2113 AITSEMI-AG2113 Datasheet
888Kb / 16P
MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
logo
TAMURA Corporation.
2CG010BBC11N TAMURA-2CG010BBC11N Datasheet
878Kb / 8P
Gate Driver Module 2CG010BBC11N
Rev.1.01 Nov. 2021
2CG010BBC12N TAMURA-2CG010BBC12N Datasheet
1Mb / 8P
Gate Driver Module 2CG010BBC12N
Rev.1.01 Nov. 2021
2CG010BBC13N TAMURA-2CG010BBC13N Datasheet
1Mb / 8P
Gate Driver Module 2CG010BBC13N
Rev.1.01 Nov. 2021
2CG010BBC14N TAMURA-2CG010BBC14N Datasheet
895Kb / 8P
Gate Driver Module 2CG010BBC14N
Rev.1.01 Nov. 2021
2CG010DBC11N TAMURA-2CG010DBC11N Datasheet
908Kb / 8P
Gate Driver Module 2CG010DBC11N
Rev.1.01 Nov. 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com