Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXRFD631 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXRFD631
Description  IXZ318N50 MOSFET and IXRFD631 Gate Driver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD631 Datasheet(HTML) 4 Page - IXYS Corporation

  IXRFD631 Datasheet HTML 1Page - IXYS Corporation IXRFD631 Datasheet HTML 2Page - IXYS Corporation IXRFD631 Datasheet HTML 3Page - IXYS Corporation IXRFD631 Datasheet HTML 4Page - IXYS Corporation IXRFD631 Datasheet HTML 5Page - IXYS Corporation IXRFD631 Datasheet HTML 6Page - IXYS Corporation IXRFD631 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IXZ631DF18N50
RF Power MOSFET & Driver
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
5
10
15
20
VCC Supply Voltage (V)
tF Fall Time vs. Vcc Voltage
85°
25°
-40°
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
5
10
15
20
VCC Supply Voltage (V)
RDSON vs. Vcc Voltage
-40°
25°
85°
100
1000
10000
0
100
200
300
400
500
VDS Drain to Source Voltage (V)
COSS Ouput Capacitance vs. VDS
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
VDS Drain to Source Voltage (V)
Typical Ouput Characteristics
Vcc = 8V
Vcc = 10-15V
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
VDS Drain to Source Voltage (V)
Extended Ouput Characteristics
Vcc = 15V
Vcc = 8V
Vcc = 12V
Vcc = 10V
Fig. 8
Fig. 9
Fig. 10
Fig. 11
Fig. 12
Fig. 13
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
Normalized RDS(ON)vs. Temperature
Vcc = 10 V to 15 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com