Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXRFD631 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXRFD631
Description  IXZ318N50 MOSFET and IXRFD631 Gate Driver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD631 Datasheet(HTML) 6 Page - IXYS Corporation

  IXRFD631 Datasheet HTML 1Page - IXYS Corporation IXRFD631 Datasheet HTML 2Page - IXYS Corporation IXRFD631 Datasheet HTML 3Page - IXYS Corporation IXRFD631 Datasheet HTML 4Page - IXYS Corporation IXRFD631 Datasheet HTML 5Page - IXYS Corporation IXRFD631 Datasheet HTML 6Page - IXYS Corporation IXRFD631 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IXZ631DF18N50
RF Power MOSFET & Driver
Figure 15 Test circuit
*Choke– A common-mode choke is optional and can be used to help stabilize the threshold level
due to ground bounce and to minimize false triggering.
CBULK- Bulk capacitance helps to stabilize both the high voltage VDS for the drain circuit and low
voltage Vcc for the driver circuit. Actual values vary according to load and operating conditions. For
the driver section, tantalum capacitors are recommended for their fast energy delivery.
CBYPASS- Ideally, the benefits realized through bypass capacitance increase as more is used by
way of overlapping impedance curves, lowering the overall broadband impedance to ground. Typi-
cally a range of 0.1 µF, 0.01 µF, 0.001 µF capacitors in sufficient quantities give good results.
Circuit board layout should be carefully considered to optimize operation. Each of the Vcc leads on
the driver section should be treated as its own power supply lead. Bulk and bypass capacitors at-
tached between drain and source leads should be placed symmetrically between the leads. Exces-
sive parasitic inductance can result in V = L di/dt inductive voltage drops, causing unpredictable op-
eration.
MOSFET & Driver
Module
S/DGND
S/DGND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com