Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXRFD631 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXRFD631
Description  IXZ318N50 MOSFET and IXRFD631 Gate Driver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD631 Datasheet(HTML) 3 Page - IXYS Corporation

  IXRFD631 Datasheet HTML 1Page - IXYS Corporation IXRFD631 Datasheet HTML 2Page - IXYS Corporation IXRFD631 Datasheet HTML 3Page - IXYS Corporation IXRFD631 Datasheet HTML 4Page - IXYS Corporation IXRFD631 Datasheet HTML 5Page - IXYS Corporation IXRFD631 Datasheet HTML 6Page - IXYS Corporation IXRFD631 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IXZ631DF18N50
RF Power MOSFET & Driver
0
0.5
1
1.5
2
2.5
3
3.5
5
10
15
20
Vcc Supply Voltage (V)
Input Threshold vs. Vcc Voltage
VIH
VIL
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
5
10
15
20
25
30
Frequency (MHz)
Vcc Current vs. Frequency
Vcc = 18V
Vcc = 15V
Vcc = 12V
Vcc = 10V
Vcc = 8V
0
0.5
1
1.5
2
2.5
3
3.5
4
5
10
15
20
Vcc Supply Voltage (V)
Vcc Current vs. Vcc Voltage
10 MHz
15 MHz
20 MHz
27 MHz
20
25
30
35
40
45
5
10
15
20
Vcc Supply Voltage (V)
tONDLY Propagation Delay vs. Vcc Voltage
- 40°C
25°C
85°C
20
25
30
35
40
45
5
10
15
20
VCC Supply Voltage (V)
tOFFDLY Propagation Delay vs. Vcc Voltage
- 40°C
25°C
85°C
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
5
10
15
20
VCC Supply Voltage (V)
tR Rise Time vs. Vcc Voltage
-40°
25°
85°
Fig. 2
Fig. 3
Fig. 4
Fig. 5
Fig. 6
Fig. 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com