Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSM313AT Datasheet(PDF) 4 Page - NICHIA CORPORATION

Part # NSSM313AT
Description  FULL COLOR LED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM313AT Datasheet(HTML) 4 Page - NICHIA CORPORATION

  NSSM313AT Datasheet HTML 1Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 2Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 3Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 4Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 5Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 6Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 7Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 8Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
NICHIA STS-DA1-4782E <Cat.No.180209>
3
Red
Rank R8b
(Dominant Wavelength: 618~628nm)
x
0.6977
0.6802
0.6873
0.7049
y
0.2956
0.3130
0.3126
0.2948
* Ranking at TA=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Intensity Tolerance: ±10%
* Chromaticity Coordinate Tolerance: ±0.01
* Dominant Wavelength is for reference purpose.
* LEDs from the above ranks will be shipped. The rank combination ratio per shipment will be decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com