Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSM313AT Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NSSM313AT
Description  FULL COLOR LED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM313AT Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NSSM313AT Datasheet HTML 7Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 8Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 9Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 10Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 11Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 12Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 13Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 14Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 15Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
NICHIA STS-DA1-4782E <Cat.No.180209>
10
DERATING CHARACTERISTICS
NSSM313A
管理番号
No. STS-DA7-11137A
0
20
40
60
80
100
0
20
40
60
80
100
120
Derating1
(82, 50.0)Blue
(78, 50.0)Green
(97, 40.0)Red
(110, 17.4)Blue
(110, 16.0)Green
(110, 21.9)Red
0
20
40
60
80
100
0
20
40
60
80
100
120
Derating2
(103, 50.0)Blue
(110, 34.8)Blue
(101, 50.0)Green
(110, 40.0)Red
(110, 32.0)Green
10
100
1000
1
10
100
Duty
50
40
90
はんだ接合部温度-許容順電流特性
Solder Temperature vs
Allowable Forward Current
周囲温度-許容順電流特性
Ambient Temperature vs
Allowable Forward Current
はんだ接合部温度
Solder Temperature(°C)
周囲温度
Ambient Temperature(°C)
デューティー比
Duty Ratio(%)
デューティー比-許容順電流特性
Duty Ratio vs
Allowable Forward Current
T
A =25°C
Blue
Green
Red
280°C/W
280°C/W
280°C/W
θJA
R
=
θJA
R
=
θJA
R
=
Blue, Green
Red
Blue
Green
Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com