Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSM313AT Datasheet(PDF) 16 Page - NICHIA CORPORATION

Part # NSSM313AT
Description  FULL COLOR LED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM313AT Datasheet(HTML) 16 Page - NICHIA CORPORATION

Back Button NSSM313AT Datasheet HTML 12Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 13Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 14Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 15Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 16Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 17Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 18Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 19Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 20Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
NICHIA STS-DA1-4782E <Cat.No.180209>
15
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
NSSM313A
管理番号
No. STS-DA7-11240A
512
517
522
527
532
537
542
1
10
100
IfλD
512
517
522
527
532
537
542
-60 -40 -20
0
20
40
60
80 100 120
TaλD
20mA
IFP=
順電流-主波長特性
Forward Current vs
Dominant Wavelength
順電流
Forward Current(mA)
周囲温度-主波長特性
Ambient Temperature vs
Dominant Wavelength
周囲温度
Ambient Temperature(°C)
0.60
0.65
0.70
0.75
0.80
0.85
0.05
0.10
0.15
0.20
0.25
0.30
Ifxy
1mA(539nm)
5mA(534nm)
20mA(527nm)
50mA(521nm)
100mA(517nm)
x
順電流-色度(主波長)特性
Forward Current vs
Chromaticity Coordinate(λd)
T
A =25°C
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
T
A =25°C
* 本特性はGreenに対応しています。
The graphs above show the Green LEDs of this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com