Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSM313AT Datasheet(PDF) 19 Page - NICHIA CORPORATION

Part # NSSM313AT
Description  FULL COLOR LED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM313AT Datasheet(HTML) 19 Page - NICHIA CORPORATION

Back Button NSSM313AT Datasheet HTML 15Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 16Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 17Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 18Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 19Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 20Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 21Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 22Page - NICHIA CORPORATION NSSM313AT Datasheet HTML 23Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
NICHIA STS-DA1-4782E <Cat.No.180209>
18
(2) Failure Criteria (Value for one LED device (Single color).)
Criteria #
Items
Conditions
Failure Criteria
#1
Forward Voltage(VF)
B IF=20mA
>U.S.L.×1.1
G IF=20mA
>U.S.L.×1.1
R IF=20mA
>U.S.L.×1.1
Luminous Intensity(IV)
B IF=20mA
<L.S.L×0.7
G IF=20mA
<L.S.L×0.7
R IF=20mA
<L.S.L×0.7
Reverse Current(IR)
R VR=5V
>U.S.L.×2.0
#2
Forward Voltage(VF)
B IF=20mA
>U.S.L.×1.1
G IF=20mA
>U.S.L.×1.1
R IF=20mA
>U.S.L.×1.1
Luminous Intensity(IV)
B IF=20mA
<L.S.L×0.5
G IF=20mA
<L.S.L×0.5
R IF=20mA
<L.S.L×0.5
Reverse Current(IR)
R VR=5V
>U.S.L.×2.0
#3
Solderability
-
Less than 95% solder coverage
U.S.L. : Upper Specification Limit
L.S.L. : Lower Specification Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com